| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
89TSF500 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
89TSF500 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 38 page ![]() 23 of 37 April 13, 2005 IDT 89TSF500 Pin Signal I/O Type M3 DNC DNC do not connect M4 VSS P VSS M5 DNC DNC do not connect M6 DNC DNC do not connect M7 DNC DNC do not connect M8 DNC DNC do not connect M9 DNC DNC do not connect M10 VSS P VSS M11 VSS P VSS M12 VDD_IO P VDD33 M13 VDD_IO P VDD33 M14 VDD_IO P VDD33 M15 VDD_IO P VDD33 M16 VDD_IO P VDD33 M17 VDD_IO P VDD33 M18 DNC DNC do not connect M19 VDD_TX P VAA25 M20 VDD_TX P VAA25 M21 VDD_TX P VAA25 M22 VDD_TX P VAA25 M23 VDD_TX P VAA25 M24 VDD_TX P VAA25 M25 VDD_TX P VAA25 M26 VDD_TX P VAA25 M27 VDD_TX P VAA25 M28 VDD_TX P VAA25 M29 VSS P VSS M30 VSS P VSS M31 DNC DNC do not connect M32 DNC DNC do not connect M33 DNC DNC do not connect M34 DNC DNC do not connect M35 DNC DNC do not connect M36 VSS P VSS M37 TXP[19] O Serdes diff output M38 VSS P VSS M39 RXP[19] I Serdes diff input N1 DNC DNC do not connect N2 DNC DNC do not connect N3 DNC DNC do not connect N4 DNC DNC do not connect N5 DNC DNC do not connect N6 DNC DNC do not connect Pin Signal I/O Type N7 DNC DNC do not connect N8 DNC DNC do not connect N9 DNC DNC do not connect N10 VSS P VSS N11 VSS P VSS N12 VDD_IO P VDD33 N13 VDD P VDD18 N14 VDD P VDD18 N15 VDD P VDD18 N16 VDD P VDD18 N17 VDD P VDD18 N18 DNC DNC do not connect N19 VDD_SD P VAA18 N20 VDD_SD P VAA18 N21 VDD_SD P VAA18 N22 VDD_SD P VAA18 N23 VDD_SD P VAA18 N24 VDD_SD P VAA18 N25 VDD_SD P VAA18 N26 VDD_SD P VAA18 N27 VDD_SD P VAA18 N28 VDD_TX P VAA25 N29 VSS P VSS N30 VSS P VSS N31 DNC DNC do not connect N32 DNC DNC do not connect N33 DNC DNC do not connect N34 DNC DNC do not connect N35 DNC DNC do not connect N36 VSS P VSS N37 TXN[18] O Serdes diff output N38 VSS P VSS N39 RXN[18] I Serdes diff input P1 VSS P VSS P2 DNC DNC do not connect P3 DNC DNC do not connect P4 VDD_IO P VDD33 P5 RPD I RPD P6 DNC DNC do not connect P7 DNC DNC do not connect P8 DNC DNC do not connect P9 DNC DNC do not connect P10 VSS P VSS |