| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR20168CHSSL bảng dữ liệu(PDF) 2 Page - FIBOX Enclosing innovations |
|
|
|||||||||||||||||||||||||||||
AR20168CHSSL bảng dữ liệu(HTML) 2 Page - FIBOX Enclosing innovations |
|
2 / 2 page ![]() Dimensions : Height Width Depth Materials : Material : Polycarbonate Base colour : RAL_7035 Cover colour : RAL 7035 -light grey Gasket material : Polyurethane Temperatures : Temperature °C (short term) : -40 … 140 Temperature °C (continuous) : -40 … 80 Temperature °F (short term) : -40 … 250 Temperature °F (continuous) : -40 … 175 Ratings : Ingress protection (EN 60529): IP66; IP67; Impact Resistance (EN 62262): IK09; electrical_insulation : Totally insulated Halogen free (DIN/VDE 0472, Part 815) : Yes UV resistance : UL 508 Flammability Rating : UL 508 Glow Wire Test (IEC 695-2-1) °C : 960C NEMA Class NEMA__4_4X_6_6P_12_13 Certificates : ARCA_CertificateofCompliance © Fibox Oy, Data subject to change without notice (printed: 18.07.2023) |