công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC-31TC bảng dữ liệu(PDF) 2 Page - LETEX TECHNOLOGY CORP.

tên linh kiện LC-31TC
Giải thích chi tiết về linh kiện  Magnetic Contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LETEX [LETEX TECHNOLOGY CORP.]
Trang chủ  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LC-31TC bảng dữ liệu(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LC-31TC Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LC-31TC Datasheet HTML 2Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Letex Technology Corp.
2
Magnetic Contact
Part No. LC-31
Switch
開關特性
Contact arrangement
迴路型式
Closed loop
Reed switch contact from
接點形式
FROM A (N.O)
Switching voltage (Max.)
最大直流電壓
100v AC/DC
Switching current (Max.)
最大直流電流
0.5 A
Contact capacity (Max.)
最大接點容量
5 watt
Initial contact (Max.)
接觸阻抗
0.2 Ohm
Carry current (Max.)
承載電流
1 A
Breakdown voltage
接點耐電壓
200 VDC
Insulation resistance (Min.)
絕緣阻抗
100 Mohm
Switch cycle
接點壽命
5×10
7 cycle at 12V 50mADC
Magnet
磁石
Material
材質
NedFeB rare earth
Residual flux density (Br)
殘留磁束密度
11.8 ~ 12.5 K Gauss
Maximun energy product (BH) (Max.)
最大磁能積 33 ~ 36 MG.Oe
Curie temperature (Tc)
居里溫度
310℃
Gap
距離
Sense gap (Min.)
感應距離
13mm
Physical characteristic
物理特性
Temperature
使用周圍溫度
-20℃ ~ +60℃
Vibration
耐振動性
20 G(10 ~ 55 HZ)
Shock
耐衝擊性
30 G (11 msec)
Heat shock
熱衝擊
-25℃ ~ +65℃
(30Min.) (30Min.) 100 cycle
Package drop
落下容許高度
Drop height 80 cm
Humidity
耐濕性
80℃ 95﹪ RH 72 hrs



Html Pages

1 2