| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADE7169ASTF16 bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7169ASTF16 bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 140 page ![]() Preliminary Technical Data ADE7169F16 Rev. PrD | Page 27 of 140 EPSR ESAG EBAT EBSO EVDCIN FPSR FSAG FBAT FBSO FVDCIN FPSM IPSME Addr. 0ECh IPSMF Addr. 0F8h ETI EPSM ESI PTI PSI IEIP2 Addr. 0A9h ADEAUTOCLR EPSR ESAG EBAT EVSW EBSO FPSR FSAG FBAT FVSW FBSO FPSM Pending PSM interrupt EPSM TRUE? EVSW reserved reserved reserved reserved EADE : Not involved in PSM Interrupt signal chain FVSW EVDCIN FVDCIN Figure 10: PSM Interrupt Sources Battery Switchover and Power Supply Restored PSM Interrupt The ADE7169F16 can be configured to generate a PSM interrupt when the source of VSW changes from VDD to VBAT, indicating battery switchover. Setting the EBSO bit in the Power Management Interrupt Enable SFR (IPSME, 0xEC) enables this event to generate a PSM interrupt. The ADE7169F16 can also be configured to generate an interrupt when the source of VSW changes from VBAT to VDD, indicating that the VDD power supply has been restored. This event is enabled to generate a PSM interrupt by setting the EPSR bit in the Power Management Interrupt Enable SFR (IPSME, 0xEC). The flags in the Power Management Interrupt Flag SFR (IPSMF, 0xF8) for these interrupts, BSOF and PSRF are set regardless of whether the respective enable bits have been set. The battery switchover and power supply restore event flags, BSOF and PSRF, are latched. These events must be cleared by writing a zero to these bits. Bit 6 in the Peripheral Configuration SFR (PERIPH, 0xF4), VSWSOURCE, tracks the source of VSW. The bit is set when VSW is connected to VDD and cleared when VSW is connected to VBAT. VSW Monitor PSM Interrupt The ADE7169F16 can be configured to generate a PSM interrupt when VSW changes magnitude by more than a configurable threshold. This threshold is set in the Temperature and Supply Delta SFR (DIFFPROG, 0xF3) –see Supply Voltage Measurement section. Setting the EVSW bit in the Power Management Interrupt Enable SFR (IPSME, 0xEC) enables this event to generate a PSM interrupt. The VSW voltage is measured using a dedicated ADC. These measurements take place in the background at intervals to check the change in VSW. Conversions can also be initiated by writing to the Start ADC Measurement SFR (ADCGO, 0xD8). The EVSW flag will indicate that a VSW measurement is ready. See the Supply Voltage Measurement section for details on how VSW is measured. VBAT Monitor PSM Interrupt The VBAT voltage is measured using a dedicated ADC. These measurements take place in the background at intervals to check the change in VBAT. The BATTF bit is set when the battery level is lower than the threshold set in the Battery detection threshold SFR (BATVTH, 0xFA) or when a new measurement is ready in the Battery ADC value SFR (BATADC, 0xDF) - see Battery measurement section. Setting the EBATT bit in the Power Management Interrupt Enable SFR (IPSME, 0xEC) enables this event to generate a PSM interrupt. VDCIN Monitor PSM Interrupt The VDCIN voltage is monitored by a comparator. The FVDC bit in the Power Management Interrupt Flag SFR (IPSMF, 0xF8) is set when the VDCIN input level is lower than 1.2 V. Setting the EVDCIN bit in the Power Management Interrupt Enable SFR |