công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCG9910 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện SCG9910
Giải thích chi tiết về linh kiện  8-BIT MICROCONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9910 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SCG9910 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG9910 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SCG9910
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
6
Sept 2000
I/O ports
The microcontroller has one 7-bit output port and two software controllable 8-bit I/O ports.
For I/O port 0, there is a pull-low resistor when it is configured as in input mode, and this resistor
is disabled when it is in output mode.
For I/O port 1, it is floating when in input mode.
For Port 2, it is a 7-bit output port only.
Timers
The microcontroller has two programmable 8-bit timers (T0 and T1) for system timing. It has also
a real time timer and a watch dog timer when subsystem clock is employed. All the timers can
be enabled or disabled by configuring an internal register, TCONG. At CPU resets, all of them
are disabled.
T0 and T1 are up-counters and can be configured as either two 8-bit pre-scalar auto reload timer
or as a 16-bit pre-scalar auto reload timer. The timer overflow flag will be set if the timer
overflows. Then an interrupt will be generated if the corresponding interrupt enable bit is set to 1.
The real time timer provides 0.5 sec interrupt for RTC functions. Watch dog timer will overflow in
~1 sec and then will reset the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27