| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4899-1YCPZ-R2 bảng dữ liệu(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4899-1YCPZ-R2 bảng dữ liệu(HTML) 17 Page - Analog Devices |
|
17 / 20 page ![]() ADA4899-1 Rev. A | Page 17 of 20 Grounding Ground and power planes should be used where possible. Ground and power planes reduce the resistance and inductance of the power planes and ground returns. The returns for the input, output terminations, bypass capacitors, and RG should all be kept as close to the ADA4899-1 as possible. The output load ground and the bypass capacitor grounds should be returned to the same point on the ground plane to minimize parasitic trace inductance, ringing, and overshoot and to improve distortion performance. The ADA4899-1 packages feature an exposed paddle. For optimum electrical and thermal performance, solder this paddle to ground. For more information on high-speed circuit design, see A Practical Guide to High-Speed Printed-Circuit- Board Layout. |