| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEB19T2RM bảng dữ liệu(PDF) 9 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEB19T2RM bảng dữ liệu(HTML) 9 Page - ITT Industries |
|
9 / 14 page ![]() 28 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Socket (use in plugs) Hooded Socket Pin (use in receptacles) Hooded Socket Reeled Description Socket Part Number Reeled Pin Part Number Socket Part Number Number of Contacts 5 A 110238-1016 (030-2480-007) 110238-0446 (030-2464-007) 110238-04888 (030-2480-000) 4,500 13 A 110238-2004 (030-2464-003) 110238-2003 (030-2480-003) 4,000 Sealing Plug Latch Clip Retainer Material: Thermoplastic, Color: Natural Part Number: 225-0093-000 Female Screw Lock Order 2 per connector Material: Steel Finish: Zinc Part Number: 265-0061-000 Bail Latch For Redundant Latch Applications SLEB 029-0281-000 SLEC 029-0281-001 Insulation Resistance Dielectric Withstanding Voltage Contact Resistance Low Level Contact Resistance Crimp Tensile Strength Contact Retention Mating Separating Force Durability Temperature Life Mechanical Shock Maintenance Aging Vibration Sand and Dust Salt and Spray Humidity Steam Cleaning/Pressure Wash MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-1344 MIL-STD-1344 MIL-STD-202 MIL-STD-202 MIL-STD-202 SAE Method 3003.1 Method 3001.1 Method 3004.1 Method 3002.1 Method 2003.1 Method 2007.1 Method 2013.1 Method 2016 Method 108 Condition D Method 213 Condition I Method 2002.1 Method 2005.1 Condition VI 20 Hours/Axis Method 110 Method 101 Condition A Method 106 Proposed Snap-Lock Environmentally Sealed - Rectangular Contacts, Stamped, 5 and 13 Amp Cannon SLE Accessories Test Methods |