công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SDK135/D bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện SDK135/D
Giải thích chi tiết về linh kiện  Embedded SDK (Software Development Kit)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SDK135/D bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button SDK135/D Datasheet HTML 12Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 13Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 14Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 15Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 16Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 17Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 18Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 19Page - Freescale Semiconductor, Inc SDK135/D Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
1-2
Type 1 Telephony Features Library
MOTOROLA
Introduction
•
Generic Echo Canceller Library
•
Feature Phone Application Software
These modules are designed to interoperate to provide all of the software necessary to implement a feature
phone with full duplex speakerphone and Type 1 and 2 Caller ID functionality. Using some or all of these
modules, several other types of telephony applications are also possible. Each module may also be used
independently.
1.3 Overview of the Type 1 Telephony Features
Library
Customer Premises Equipment (CPE) using the Type 1 Telephony Features Library has the features to sup-
port existing on-hook Caller ID services, such as Calling Number Delivery and Calling Name Delivery;
other existing on-hook services, such as Visual Message Waiting Indicator (VMWI) or Call Qualifier
(CQ); as well as future services that would use the on-hook GR-30-CORE Voice band Data Transmission
Interface from the Public Switched Telephone Network (PSTN). Type 1 CPE supports on-hook signaling
with or without power ringing and can decode data frames packaged in the GR-30-CORE Single Data
Message Format (SDMF) or Multiple Data Message Format (MDMF), depending on the needs of the spe-
cific telephony service supported, as described in Telcordia SR-3004 and other referenced service-specific
documents.
While this module is primarily intended to be used for Caller ID reception, other convenient features have
been added to allow for simple integration into a Caller ID telephone. While the module is in an on-hook
state, ring generator samples may be created during power ringing. These samples may be output to an
audio channel (for example, to be played to a speaker). While the module is in an off-hook state, DTMF
samples may be generated for dialing digits. Timing for a line flash is also provided.
The Caller ID is received between the first and second ring. The content displayed should include date,
time, and the directory telephone number and/or the name of the caller. Other existing service-specific con-
tent may also be displayed, such as Call Qualifier displays. The service-specific content of future services
may be displayed when these become deployed in the PSTN.
VMWI may be transmitted with or without power ringing, but must be received without power ringing.
The CPE is instructed by the data received in GR-30-CORE format to turn a light or other visual indicator
on or off, indicating that new messages have been received at a voice mail system or other messaging ser-
vice.
The performance of CPE that incorporates the Type 1 Telephony Features Library (also called the Type 1
Library module) complies with the transmission layer requirements of Telcordia SR-3004, including those
for:
•
Frequency Shift Keying (FSK) modulation sensitivity
•
Twist, or level differences between FSK signal tones
•
FSK frequencies and variation from their nominal values
— In addition to complying with the FSK modulation frequencies of SR-3004, the Type 1
Telephony Features Library can also detect FSK transmitted using the slightly different
frequencies specified by the ITU-T V.23 modem recommendation. However, the Type 1
Telephony Features Library cannot be used directly in equipment for international telephone
networks with V.23, since the timing protocols are likely different.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com