| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SDK135 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SDK135 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 52 page ![]() MOTOROLA Directory Structure 2-1 Chapter 2 Directory Structure Note: “DSP568xx” refers to the specific device for which you’re developing, as shown in Chapter 1, “Introduction.” 2.1 Required Core Directories Figure 2-1 details required platform directories: Figure 2-1. Core Directories As shown in Figure 2-1, DSP56858EVM has no operating system support (nos), and includes the follow- ing core directories: • applications contains applications software that can be exercised on this platform • bsp contains board support package specific for this platform • config contains default hardware and software configurations for this platform • include contains SDK header files which define the Application Programming Interface • sys contains required system components • tools contains utilities used by system components There are also optional directories that include domain-specific libraries. dsp568xxevm nos applications bsp config include sys tools + + + + src Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005 |