| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEC28N2RG bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEC28N2RG bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 14 page ![]() 22 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change The Snap Lock Environmental Series is environmentally-sealed connector created for printed circuit board, blackbox, cable-to-cable, or bulkhead applications. When your under-the-hood requirements call for tough performance, the SLE "snaps" into a tightly sealed connection that can withstand heat, shock and vibration. The connector is designed to preserve the integrity of the solid state package, while protecting against contaminants - even when unmated. Polarization, scoop-proofing and hand insertion of contacts are part of the package. Gold, tin/lead-plated stamped contacts add durability. A rugged, thermoplastic receptacle body maximizes performance by withstanding temperature variances from -40°C to +125°C. The SLE series is available in both 19 and 28 contact cavity configurations. It can also be adapted to robotic assembly. Should your requirement demand higher density configurations, consult Customer Service. · Superior environmental sealing · -40°C to +125°C continuous operation at rated current · Available in two sizes, 19 and 28 contacts · Crimp stamped gold, tin/lead plated contacts · Hand insertable/removable contacts · Current rating 5 A and 13 A versions · Low millivolt drop · Small footprint on P.C. board and low profile · 5-way alternate polarization · Integral mold latch. Adaptable to robotic assembly. · Multi-direction, easily assembled endbells · Optional secondary bail latch · Latch with tactile and audible feedback · Low installed cost · Meets both signal and power requirements · Versatile cable strain relief, up, down, straight, left ad right, flange/bulkhead · Connector mating assurance Contact Resistance Insulation Resistance Current Rating Dielectric Withstanding Voltage Applicable Cannon Specification Operating Temperature Crimp Contacts Wire Size Wire Insulations Sealing Range Polarization Contact Insertion Contact Extraction Contact Retention Wire Strip Length 10 m Ω maximum 100 M Ω minimum 5 A signal continuous at 125°C all contacts 13 A power continuous at 125°C all contacts 1000 Vrms AC at sea level CS-189 -40°C to +125°C Semi-automatic or hand crimpable 20-16 AWG 2,41 (.095) to 3,30 (.130) dia. 'D' shaped interface with five alternate positions. No tool required. Suitable for automation. Rear removable 25 lbs. Minimum per contact 5,59 (.220) to 5,33 (.210) Connector Housing Contacts Finish Environmental Seal High temperature thermoplastic Copper alloy Engaging area: Gold over nickel Crimp/P.C. tail area: Tin/lead over nickel High temperature silicone elastomer Snap-Lock Environmentally Sealed - Rectangular Cannon SLE Product Feature and Benefits Performance Specifications Materials and Finishes |