| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEC19P3LG bảng dữ liệu(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEC19P3LG bảng dữ liệu(HTML) 6 Page - ITT Industries |
|
6 / 14 page ![]() 25 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Snap-Lock Environmentally Sealed - Rectangular Receptacle, In-line (Cable-to-Cable) Cannon SLE 90° Left and Right Straight Screwlock Note: Receptacles are supplied with endbell assemblies. SLEB SLEB SLEB SLEB SLEB SLEB SLEB SLEB SLEC SLEC SLEC SLEC SLEC SLEC SLEC SLEC 19 19 19 19 19 19 19 19 28 28 28 28 28 28 28 28 130408-0000* 130408-0001* 130408-0002* 130408-0003* 130408-0004* 130408-0010* 130408-0011* 130408-0012* 130412-0000 130412-0001 130412-0002 130412-0003 130412-0004 130412-0010 130412-0011 130412-0012 SLEB19P4S SLEB19P4L SLEB19P4R SLEB19P4U SLEB19P4D SLEB19P4SG SLEB19P4UG SLEB19P4DG SLEC28P4S SLEC28P4L SLEC28P4R SLEC28P4U SLEC28P4D SLEC28P4SG SLEC28P4UG SLEC28P4DG 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 59,44 (2.340) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 76,45 (3.010) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 44,07 (1.735) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 59,31 (2.335) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 50,58 (2.000) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) 66,04 (2.600) Shell Number of E Size Contacts Part Number* Nomenclature A Max. C Max. D Max. ±0,38 (.015) F Max. *Select polarization, see page 23. 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 55,87 (2.200) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 71,11 (2.800) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 64,25 (2.530) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) 79,49 (3.130) |