công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NP80N03DLE bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện NP80N03DLE
Giải thích chi tiết về linh kiện  MOS FIELD EFFECT TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N03DLE bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  NP80N03DLE Datasheet HTML 1Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 2Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 3Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 4Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 5Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 6Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 7Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 8Page - Renesas Technology Corp NP80N03DLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
NP80N03ELE, NP80N03KLE
NP80N03CLE, NP80N03DLE, NP80N03MLE, NP80N03NLE
Document No. D14032EJ5V0DS00 (5th edition)
Date Published October 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:"
1999, 2000, 2007
DESCRIPTION
These products are N-channel MOS Field Effect Transistors designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP80N03ELE-E1-AY
Note1, 2
NP80N03ELE-E2-AY
Note1, 2
TO-263 (MP-25ZJ) typ. 1.4 g
NP80N03KLE-E1-AY
Note1
NP80N03KLE-E2-AY
Note1
Pure Sn (Tin)
Tape 800 p/reel
TO-263 (MP-25ZK) typ. 1.5 g
NP80N03CLE-S12-AZ
Note1, 2
Sn-Ag-Cu
TO-220 (MP-25) typ. 1.9 g
NP80N03DLE-S12-AY
Note1, 2
TO-262 (MP-25 Fin Cut) typ. 1.8 g
NP80N03MLE-S18-AY
Note1
TO-220 (MP-25K) typ. 1.9 g
NP80N03NLE-S18-AY
Note1
Pure Sn (Tin)
Tube 50 p/tube
TO-262 (MP-25SK) typ. 1.8 g
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Not for new design
FEATURES
• Channel Temperature 175 degree rated
• Super Low on-state Resistance
RDS(on)1 = 7.0 m
Ω MAX. (VGS = 10 V, ID = 40 A)
RDS(on)2 = 9.0 m
Ω MAX. (VGS = 5 V, ID = 40 A)
RDS(on)3 = 11 m
Ω MAX. (VGS = 4.5 V, ID = 40 A)
• Low input capacitance
Ciss = 2600 pF TYP.
• Built-in gate protection diode
(TO-220)
(TO-262)
(TO-263)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com