| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEC28T3RF bảng dữ liệu(PDF) 7 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEC28T3RF bảng dữ liệu(HTML) 7 Page - ITT Industries |
|
7 / 14 page ![]() 26 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Panel Cutout SLEB SLEB SLEB SLEB SLEB SLEC SLEC SLEC SLEC SLEC 19 19 19 19 19 28 28 28 28 28 130411-0000* 130411-0001* 130411-0002* 130411-0004* 130411-0005* 130415-0000 130415-0001 130415-0002 130415-0004 130415-0005 SLEB19T3P SLEB19T3PM SLEB19T3PN SLEB19T3E SLEB19T3 SLEC28T3P SLEC28T3PM SLEC28T3PN SLEC28T3PE SLEC28T3 63,50 (2.500) 63,50 (2.500) 63,50 (2.500) 63,50 (2.500) 63,50 (2.500) 78,94 (3.108) 78,94 (3.108) 78,94 (3.108) 78,94 (3.108) 78,94 (3.108) 74,94 (3.100) 74,94 (3.100) 74,94 (3.100) 74,94 (3.100) 74,94 (3.100) 54,61 (2.150) 54,61 (2.150) 54,61 (2.150) 54,61 (2.150) 54,61 (2.150) 56,13 (2.210) 56,13 (2.210) 56,13 (2.210) 56,13 (2.210) 56,13 (2.210) 71,37 (2.810) 71,37 (2.810) 71,37 (2.810) 71,37 (2.810) 71,37 (2.810) 47,62 (1.875) 47,62 (1.875) 47,62 (1.875) 47,62 (1.875) 47,62 (1.875) 62,86 (2.475) 62,86 (2.475) 62,86 (2.475) 62,86 (2.475) 62,86 (2.475) Shell Number of Size Contacts Part Number* Nomenclature A Max. B Max. D Max. E Max. *Select polarization, see page 23. SLE B19 (19 contacts) SLE C28 (28 contacts) Snap-Lock Environmentally Sealed - Rectangular Plug, PCB, Straight Cannon SLE Recommended PCB Layout, Straight A B D 2X 4,80-4,69 (.189-.185) 24,13-23,72 (.950-.930) 18,42-18,03 (.725-.710) CL |