| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS4013 bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HS4013 bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 27 page ![]() HS401x Datasheet R36DS0023EU0104 Rev.1.04 Mar 14, 2023 Page 15 Figure 13. Alert Pin Function 4.6.2. Alert Pin – Humidity and Temperature Threshold Detection The Alert pin can also be configured to send a signal when a humidity / temperature threshold is exceeded, and the system needs to take action. In this mode, the Alert feature has a programmable threshold, polarity, and hysteresis, and can apply to both temperature and humidity measurements. An example of the functionality of the Alert feature can be seen in Error! Reference source not found.. Figure 14. Alert Pin Functionality Example Time State of Alert pin at power- up Periodic Measurement Mode Activated Measurementin Progress Trigger Threshold - High Alert Reset Threshold - High Alert Trigger Threshold - Low Alert Reset Threshold - Low Alert |