| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEB28S2RF bảng dữ liệu(PDF) 10 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEB28S2RF bảng dữ liệu(HTML) 10 Page - ITT Industries |
|
10 / 14 page ![]() 29 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Contact Extraction Tool Part Number: 274-7068-001 Tip Part Number: 323-9519-000 · A Standard CET - SLE/SLC is available for extraction of the individual crimp contacts. Insertion tool is not required. Snap-Lock Environmentally Sealed - Rectangular Extraction Tool Cannon SLE Insertion/Extraction Instructions for Crimp Contacts Insertion Tool No insertion tool is required. The contact is easily snapped in from the rear of the connector manually. 1. Move to the rear of the connector so that the contact cavities can be identified. 2. Insert a crimp terminated assembly into a selected cavity. 3. Continue the forward movement until and audible snap can be felt and heard. Slight pull in the opposite direction will confirm complete insertion. 1. Open the CET - SLE Extraction tool and place it over the insulation of the wire. 2. Using a straight motion forward, insert the tool along the wire until it bottoms against the connector. (Do not use a screwing motion - damage will result.) 3. While the extraction tool is in place, simply pull the wire/contact assembly out. 4. Remove the extraction tool. Extraction is complete. Extraction |