| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD74LS165AFPEL bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS165AFPEL bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp |
|
4 / 10 page ![]() HD74LS165A Rev.3.00, Jul.15.2005, page 2 of 7 Function Table Inputs Parallel Internal outputs Shift / Load Clock Inhibit Clock Serial A …H QA QB Output QH L X X X a …h a b h H L ↑ X X QA0 QB0 QH0 H L ↑ H X H QAn QGn H L ↑ L X L QAn QGn H H X X X QA0 QB0 QH0 Notes: 1. H; high level, L; low level, X; irrelevant 2. ↑; transition from low to high level 3. a to h; the level of steady-state input at inputs A to H respectively 4. QA0 to QH0; the level of QA to QH, respectively, before the indicated steady-state input conditions were established. 5. QAn to QGn; the level of QA to QG, respectively, before the most recent ↓ transition of the clock. Block Diagram Shift / Load Clock Clock Inhibit Serial Input A B C D E F G H PR S R QA QA CK PR S R QB QB CK PR S R QC QC CK PR S R QD QD CK PR S R QE QE CK PR S R QF QF CK PR S R QG QG CK PR Clear Clear Clear Clear Clear Clear Clear Clear S R QH QH QH QH CK Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |