| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCC0MAC bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC0MAC bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M415-M415-3A-312-PX0534-300 Order Code: BCC0MAC Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 285439 ETIM 6.0: EC001855 BCC0MAC_0.18_2022-08-01 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20549 Halogen-free per DIN VDE 0472 Part 815 Silicone-free Flame-retarding acc. to IEC 60332-2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings II PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: gray I PIN 1: brown PIN 2: white PIN 3: blue PIN 4: black PIN 5: gray Wiring Diagrams |