| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLEC28P2SF bảng dữ liệu(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
SLEC28P2SF bảng dữ liệu(HTML) 5 Page - ITT Industries |
|
5 / 14 page ![]() 24 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Connectors are supplied with endbell assemblies. Part number by Shell Size B Max. F Max. Cable Entry I.D. SLEB 26,16 (1.030) 50,80 (2.000) 14,73 (.580) SLEC 26,16 (1.030) 66,04 (2.600) 19,81 (.780) Snap-Lock Environmentally Sealed - Rectangular Endbells Cannon SLE With Flange Endbell (Plug Only) Note: Plugs are supplied with endbell assemblies. SLEB SLEB SLEB SLEB SLEB SLEB SLEC SLEC SLEC SLEC SLEC SLEC 19 19 19 19 19 19 28 28 28 28 28 28 130409-0000* 130409-0001* 130409-0002* 130409-0003* 130409-0004* 130409-0005* 130413-0000 130413-0001 130413-0002 130413-0003 130413-0004 130413-0005 SLEB19S2SF SLEB19S2S SLEB19S2L SLEB19S2R SLEB19S2U SLEB19S2D SLEC28S2SF SLEC28S2S SLEC28S2L SLEC28S2R SLEC28S2U SLEC28S2D 71,88 (2.830) 71,88 (2.830) 71,88 (2.830) 71,88 (2.830) 71,88 (2.830) 71,88 (2.830) 87,11 (3.430) 87,11 (3.430) 87,11 (3.430) 87,11 (3.430) 87,11 (3.430) 87,11 (3.430) 47,50 (1.870) 47,50 (1.870) 47,50 (1.870) 47,50 (1.870) 47,50 (1.870) 47,50 (1.870) 62,74 (2.470) 62,74 (2.470) 62,74 (2.470) 62,74 (2.470) 62,74 (2.470) 62,74 (2.470) 59,05 (2.325) 59,05 (2.325) 59,05 (2.325) 59,05 (2.325) 59,05 (2.325) 59,05 (2.325) 74,29 (2.925) 74,29 (2.925) 74,29 (2.925) 74,29 (2.925) 74,29 (2.925) 74,29 (2.925) Shell Number of D Size Contacts Part Number* Nomenclature A Max. C Max. ±0,38 (.015) *Select polarization, see page 25. Plug, In-line (Cable-to-Cable) |