công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PMEG2005CT bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện PMEG2005CT
Giải thích chi tiết về linh kiện  500 mA low VF dual MEGA Schottky barrier rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005CT bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMEG2005CT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier in
common cathode configuration with an integrated guard ring for stress protection,
encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
PMEG2005CT
500 mA low VF dual MEGA Schottky barrier rectifier
Rev. 2 — 22 June 2010
Product data sheet
Average forward current: IF(AV) ≤ 0.5 A
AEC-Q101 qualified
Reverse voltage: VR ≤ 20 V
Small SMD plastic package
Low forward voltage
Low voltage rectification
Reverse polarity protection
High efficiency DC-to-DC conversion
High-speed switching
Switch Mode Power Supply (SMPS)
Low power consumption applications
Table 1.
Quick reference data
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF(AV)
average forward current
square wave;
δ = 0.5;
f = 20 kHz
Tamb ≤ 100 °C
[1] --
0.5
A
Tsp ≤ 130 °C-
-
0.5
A
VR
reverse voltage
-
-
20
V
VF
forward voltage
IF = 0.5 A
-
360
390
mV
IR
reverse current
VR =20V
-
30
200
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com