công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA042 bảng dữ liệu(PDF) 13 Page - Pico Technology Ltd.

tên linh kiện TA042
Giải thích chi tiết về linh kiện  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PICO [Pico Technology Ltd.]
Trang chủ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA042 bảng dữ liệu(HTML) 13 Page - Pico Technology Ltd.

Back Button TA042 Datasheet HTML 9Page - Pico Technology Ltd. TA042 Datasheet HTML 10Page - Pico Technology Ltd. TA042 Datasheet HTML 11Page - Pico Technology Ltd. TA042 Datasheet HTML 12Page - Pico Technology Ltd. TA042 Datasheet HTML 13Page - Pico Technology Ltd. TA042 Datasheet HTML 14Page - Pico Technology Ltd. TA042 Datasheet HTML 15Page - Pico Technology Ltd. TA042 Datasheet HTML 16Page - Pico Technology Ltd. TA042 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
PicoScope® 6000E Series
Persistence mode
PicoScope’s persistence mode options allow you to see old and new data superimposed, making it easy to spot glitches and dropouts and estimate their relative frequency – useful
for displaying and interpreting complex analog signals such as video waveforms and amplitude modulated signals. Color-coding and intensity-grading show which areas are stable
and which are intermittent. Choose between Digital Color, Analog Intensity, Fast and Advanced display modes or create your own custom setup.
An important specification to understand when evaluating oscilloscope performance, especially in persistence mode, is the waveform update rate, which is expressed as
waveforms per second. While the sampling rate indicates how frequently the oscilloscope samples the input signal within one waveform or cycle, the waveform capture rate refers
to how quickly an oscilloscope acquires waveforms.
Oscilloscopes with high waveform capture rates provide better visual insight into signal behavior and dramatically increase the probability that the oscilloscope will quickly capture
transient anomalies such as jitter, runt pulses and glitches – that you may not even know exist.
The PicoScope 6000E Series’ HAL4 hardware acceleration can achieve update rates of 300 000 waveforms per second in fast persistence mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39