| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE004 bảng dữ liệu(PDF) 6 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
SE004 bảng dữ liệu(HTML) 6 Page - Pico Technology Ltd. |
|
6 / 11 page ![]() USB TC-08 thermocouple data logger Raspberry Pi support The TC-08 works great when connected to personal computers running Windows, macOS and Linux. Now, with support for Raspberry Pi OS on armhf processors, the TC-08 works with Raspberry Pi 4 and the current 3B and 3B+ computers. You can now connect the TC-08 to the Pi and remove the keyboard, mouse and video monitor to make an inexpensive standalone logger that stores captured data locally on an SD card. Furthermore, connecting your Pi by WiFi or Ethernet, you can internet-enable your Pico logger, which you can then access remotely using a freely available open-source VNC server and viewer. In addition, using Power over Ethernet (PoE) capability on the Raspberry Pi 3B+ and then pairing with the PoE PiHAT not only eliminates the need for an external power supply and powered USB hub, it also internet-enables your logger. PicoLog 6 running under Raspberry Pi OS on a Raspberry Pi with a TC-08 connected. PicoLog 6 running under Raspberry Pi OS with a TC-08 connected, being viewed and controlled in Windows 10 using freely available open-source VNC server software and viewer. |