công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA518 bảng dữ liệu(PDF) 3 Page - Pico Technology Ltd.

tên linh kiện TA518
Giải thích chi tiết về linh kiện  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PICO [Pico Technology Ltd.]
Trang chủ  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA518 bảng dữ liệu(HTML) 3 Page - Pico Technology Ltd.

  TA518 Datasheet HTML 1Page - Pico Technology Ltd. TA518 Datasheet HTML 2Page - Pico Technology Ltd. TA518 Datasheet HTML 3Page - Pico Technology Ltd. TA518 Datasheet HTML 4Page - Pico Technology Ltd. TA518 Datasheet HTML 5Page - Pico Technology Ltd. TA518 Datasheet HTML 6Page - Pico Technology Ltd. TA518 Datasheet HTML 7Page - Pico Technology Ltd. TA518 Datasheet HTML 8Page - Pico Technology Ltd. TA518 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Quad RX four-receiver, single-sweep, architecture
The PicoVNAs integrate a fast-stepping sine-wave signal source
with a very fast-settling port transfer switch. Faster than dual-sweep
competitor VNAs, within a single frequency sweep, at each frequency
point, the PicoVNAs stimulate both ports in turn and twice measure
phase and amplitude of incident, reflected and transmitted waves at the
four receivers. This could be achieved with a degree of accuracy with
a single source, a transfer switch and two receivers; the latter inputs
being switched through a further pair of transfer switches. Alternatively,
three receivers can be used with an additional input transfer switch.
The PicoVNA, however, uses four receivers. This eliminates the receiver
input transfer switch errors (chiefly leakage and crosstalk) that cannot
otherwise be corrected. These residual errors are always present in two-
and three-receiver architectures and lead to lower accuracy than that of
the Quad RX design.
b1
a1
a2
b2
Receivers
Transfer switch
Source
Port 1
Port 2
DUT
Port 2
Port 1
Support for 8 and 12-term calibration and the unknown through
Almost all vector network analyzers are calibrated for twelve error sources (six for each signal
direction). This is the so-called 12-term calibration, which experienced VNA users are used to
performing fairly regularly. In a four-receiver design some error sources are so reduced that 8-term
calibration becomes possible, along with an important and efficient calibration technique known as
the unknown through. This gives the ability to use any through interconnect (including the DUT) during
the calibration process, vastly simplifying the procedure and reducing the number of calibration
standards that need to be maintained. Advanced vector network analyzer users will be pleased to
know that internal a-wave and b-wave data can be exported for diagnostic use.
SOLT (short, open, load and through) calibration
All vector network analyzers need to reference their measurements to well-known standard networks.
These need to provide a wide dynamic range of amplitude and phase (or delay time) so that
measurements between the given extremes become calibrated. PicoVNAs support SOLT calibration
of transmission and reflection, whereby the short, open and through provide known and opposing
extremes of phase, high-scale amplitude and transmit isolation. The load provides known low-scale
reflect amplitude and transmit isolation. For Pico calibration standards these are all fully and traceably
S-parameter characterized.
TRL and TRM (through, reflect, line and match) calibration
This is theoretically accurate because a machined air transmission
line can be fabricated more precisely than a good match can be
measured; certainly at higher frequencies. As this line standard can
also carry the burden of time (phase) calibration, the additionally
needed high-reflection standards, the shorts or opens, can also be
less well known.
TRL technique requires a line length of significantly more than 0º
phase delay and significantly less than 180°. Thus, a single TRL
line can only address a limited frequency band. The PicoVNA 108
supports one or two TRL bands and can account for line impedance
offset if required. A low-frequency TRM band can reference a readily
fabricated resistive match.
TRL and TRM calibration are popular choices when measuring
substrate-mounted DUTs, for example surface-mounted networks or
components. The line, match and reflections (shorts and opens in
the PicoVNA case) can all be readily fabricated on substrate and at
precise on-substrate measurement reference planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42