| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PQ150 bảng dữ liệu(PDF) 8 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ150 bảng dữ liệu(HTML) 8 Page - Pico Technology Ltd. |
|
8 / 22 page ![]() PicoScope® 5000D Series oscilloscopes Mask limit testing allows you to compare live signals against known good signals, and is designed for production and debugging environments. Simply capture a known good signal, generate a mask around it and then use the alarms to automatically save any waveform (complete with a time stamp) that violates the mask. PicoScope 6 will capture any intermittent glitches and show a failure count in the Measurements window (which you can still use for other measurements). You can also set the waveform buffer navigator to show only mask fails, enabling you to find any glitches quickly. Mask files are easy to edit (numerically or graphically), import and export, and you can simultaneously run mask limit tests on multiple channels and in multiple viewports. With PicoScope 6 you can perform a variety of mathematical calculations on your input signals and reference waveforms. Select simple functions such as addition and inversion, or open the equation editor to create complex functions involving filters (lowpass, highpass, bandpass and bandstop filters), trigonometry, exponentials, logarithms, statistics, integrals and derivatives. Display up to eight real or calculated channels in each scope view. If you run out of space, just open another scope view and add more. You can also use math channels to reveal new details in complex signals, for example graphing the changing duty cycle or frequency of your signal over time. The custom probes feature allows you to correct for gain, attenuation, offsets and nonlinearities in probes, transducers and other sensors, and to measure quantities other than voltages (such as current, power or temperature). Definitions for standard Pico-supplied probes are built in, but you can also create your own using linear scaling or even an interpolated data table, and save them for later use. You can program PicoScope 6 to execute actions when certain events occur. The events that can trigger an alarm include mask limit fails, trigger events and buffers full. PicoScope 6 actions include saving a file, playing a sound, executing a program and triggering the arbitrary waveform generator. Math channels and filters Custom probes Alarms Mask limit testing |