| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3000 bảng dữ liệu(PDF) 13 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
3000 bảng dữ liệu(HTML) 13 Page - Pico Technology Ltd. |
|
13 / 28 page ![]() PicoScope 3000 Series Mixed signal models The PicoScope 3000 MSO models add 16 digital channels to the two or four analog channels, enabling you to accurately time-correlate analog and digital channels. Digital channels may be grouped and displayed as a bus, with each bus value displayed in hex, binary or decimal or as a level (for DAC testing). You can set advanced triggers across both the analog and digital channels. The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 20 channels of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time. Oscilloscope controls: PicoScope’s full analog-domain controls, including zoom, filtering, and function generator, are all available in MSO digital signal mode. Advanced triggers: Additional Digital and Logic trigger options are available for digital channels. Rename: The digital channels and groups can be renamed. You can expand or collapse groups in the digital view. Rulers: Drawn across both analog and digital panes so signal timings can be compared. Analog waveforms: View analog waveforms time-correlated with digital inputs. Split-screen display: PicoScope can display both analog and digital signals at the same time. The split- screen display can be adjusted to give more or less space to the analog waveforms. Digital channels button: Set up and display digital inputs. View analog and digital signals on the same timebase. Show by level: Group bits into fields and then display as an analog level. Display format: Display selected bits individually or as groups in binary, hex or decimal format. |