| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS4420 bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS4420 bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products |
|
5 / 10 page ![]() I2C Programmable-Gain Amplifier for Audio Applications _____________________________________________________________________ 5 0 40 20 80 60 100 120 010 515 20 POWER-SUPPLY REJECTION RATIO vs. GAIN SETTING GAIN SETTING 1kHz 50Ω LOAD 20kHz 50Ω LOAD 0 -80 1000 10,000 100,000 COMMON-MODE FREQUENCY RESPONSE SWEEP AT -11dB -60 -70 FREQUENCY (Hz) -40 -50 -30 -20 -10 NO LOAD 1000 100,000 1,000,000 GAIN vs. FREQUENCY RESPONSE FREQUENCY (Hz) 10,000 30 -40 -30 -20 -10 0 20 10 50Ω LOAD -2dB SETTING -35dB SETTING +25dB SETTING -40 -20 -30 0 -10 20 10 30 GAIN vs. SETTING GAIN SETTING 0 5 10 15 20 IN+ AND IN- SHORTED TOGETHER ACROSS -20°C TO +70°C WITH 50Ω LOAD, 1kΩ LOAD, AND NO LOAD -140 -100 -120 -60 -80 -20 -40 0 CCITT NOISE vs. GAIN SETTING GAIN SETTING 0 5 10 15 20 NO LOAD 0.018 0.000 10 1000 100 10,000 100,000 TOTAL HARMONIC DISTORTION vs. FREQUENCY 0.004 0.002 FREQUENCY (Hz) 0.008 0.006 0.012 0.010 0.014 0.016 WITH 50Ω LOAD AND 1kΩ LOAD 1VRMS INPUT -11dB SETTING 0.09 0.00 10 1000 100 10,000 100,000 TOTAL HARMONIC DISTORTION vs. FREQUENCY 0.02 0.01 FREQUENCY (Hz) 0.04 0.03 0.06 0.05 0.07 0.08 WITH 50Ω LOAD AND 1kΩ LOAD 1VRMS INPUT +10dB SETTING -40 -30 -35 -15 -20 -25 -10 -5 5 0 10 2 4 6 8 10 12 14 16 18 20 TOTAL HARMONIC DISTORTION vs. VOUT DS4420 toc11 GAIN SETTING 0.000 0.004 0.002 0.010 0.008 0.006 0.012 0.014 0.018 0.016 0.020 50Ω LOAD 1kHz 2VRMS INPUT VOUT THD+N Typical Operating Characteristics (continued) (TA = +25°C, VCC = AVCC = 5.0V, unless otherwise noted.) |