| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDP1802ACD3 bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CDP1802ACD3 bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp |
|
24 / 27 page ![]() CDP1802AC/3 FN1441 Rev 3.00 Page 24 of 27 October 17, 2008 S1 7 9 MARK (X, P) T, MR2; P X; R2 - 1 R2 T R2 1 0 0 Fig. 5 A REQ 0 Q Float RP 1 1 0 Fig. 4 B SEQ 1 Q Float RP 1 1 0 Fig. 4 C ADCl MRP + D + DF DF, D; RP + 1 MRP RP 0 1 0 Fig. 6 D SDBl MRP - D - DFN DF, D; RP + 1 MRP RP 0 1 0 Fig. 6 E SHLC MSB(D) DF; DF LSB(D) Float RP 1 1 0 Fig. 4 F SMBl D - MRP - DFN DF, D; RP + 1 MRP RP 0 1 0 Fig. 6 8 0 - F GLO RN.0 D RN.0 RN 1 1 0 Fig. 4 9 0 - F GHl RN.1 D RN.1 RN 1 1 0 Fig. 4 A 0 - F PLO D RN.0 D RN 1 1 0 Fig. 4 B 0 - F PHI D RN.1 D RN 1 1 0 Fig. 4 S1#1 C 0 - 3, 8 - B Long Branch Taken: MRP B; RP + 1 RP MRP RP 0 1 0 Fig. 7 #2 Taken: B RP.1; MRP RP.0 M(RP + 1) RP + 1 0 1 0 Fig. 7 S1#1 Not Taken: RP + 1 RP MRP RP 0 1 0 Fig. 7 #2 Not Taken: RP + 1 RP M(RP + 1) RP + 1 0 1 0 Fig. 7 S1#1 5 6 7 C D E F Long Skip Taken: RP + 1 RP MRP RP 0 1 0 Fig. 7 #2 Taken: RP + 1 RP M(RP + 1) RP + 1 0 1 0 Fig. 7 S1#1 Not Taken: No Operation MRP RP 0 1 0 Fig. 7 #2 Not Taken: No Operation MRP RP 0 1 0 Fig. 7 S1#1 4 NOP No Operation MRP RP 0 1 0 Fig. 7 #2 No Operation MRP RP 0 1 0 Fig. 7 S1 D 0 - F SEP N P NN RN 1 1 0 Fig. 4 E 0 - F SEX N X NN RN 1 1 0 Fig. 4 S1 F 0 LDX MRX D MRX RX 0 1 0 Fig. 6 1 2 3 4 5 7 OR AND XOR ADD SD SM MRX OR D D MRX AND D D MRX XOR D D MRX + D DF, D MRX - D DF, D D - MRX DF, D MRX RX 0 1 0 Fig. 6 6 SHR LSB(D) DF; 0 MSB(D) Float RX 1 1 0 Fig. 4 TABLE 5. CONDITIONS ON DATA BUS AND MEMORY ADDRESS LINES DURING ALL MACHINE STATES (Continued) STATE I N SYMBOL OPERATION DATA BUS MEMORY ADDRESS MRD MWR N LINES NOTES |