công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ED-IPC2000 bảng dữ liệu(PDF) 16 Page - EDA Technology Co.,LTD

tên linh kiện ED-IPC2000
Giải thích chi tiết về linh kiện  Computer for industrial application scenarios based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EDATEC [EDA Technology Co.,LTD]
Trang chủ  https://www.edatec.cn/
Logo EDATEC - EDA Technology Co.,LTD

ED-IPC2000 bảng dữ liệu(HTML) 16 Page - EDA Technology Co.,LTD

Back Button ED-IPC2000 Datasheet HTML 12Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 13Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 14Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 15Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 16Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 17Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 18Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 19Page - EDA Technology Co.,LTD ED-IPC2000 Datasheet HTML 20Page - EDA Technology Co.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ED-IPC2000 Series Datasheet
EDA Technology Co.,LTD
12
Pin ID
Pin Name
4
OUT_L+
Note: Only ED-IPC2020 includes this interface.
4.5 RTC
IPC2000 series are integrated with RTC. For the version sold in China, we will install CR1220 button cell
(RTC backup power supply) by default when shipping. In this way, the system can be guaranteed to
have an uninterrupted and reliable clock, which is not affected by factors such as equipment power
down.
RTC clock chip is mounted on i2c-1 bus, and the device address is 0x51.
I2c-1 bus pin definition:
#
Signal
CM4 Pinout
1
SDA1
GPIO2
2
SCL1
GPIO3
4.6 PoE
J6 is a PoE interface, which can supply power with our PoE module.
4.7 HDMI FPC (optional)
On the back of the development board, J12 uses CM4 HDMI1 signal, in the form of FPC, with USB 2.0
touch screen signal and PWM brightness level signal reserved on it, which can be connected to HDMI
touch screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23