công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

C00GL bảng dữ liệu(PDF) 27 Page - Norgren Ltd

tên linh kiện C00GL
Giải thích chi tiết về linh kiện  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORGREN [Norgren Ltd]
Trang chủ  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C00GL bảng dữ liệu(HTML) 27 Page - Norgren Ltd

Back Button C00GL Datasheet HTML 19Page - Norgren Ltd C00GL Datasheet HTML 20Page - Norgren Ltd C00GL Datasheet HTML 21Page - Norgren Ltd C00GL Datasheet HTML 22Page - Norgren Ltd C00GL Datasheet HTML 23Page - Norgren Ltd C00GL Datasheet HTML 24Page - Norgren Ltd C00GL Datasheet HTML 25Page - Norgren Ltd C00GL Datasheet HTML 26Page - Norgren Ltd C00GL Datasheet HTML 27Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.27
4/15
3/2 Shut-off valves
C01GG
3/2 Shut-off valves
C01GJ
3/2 Shut-off valves
C01GH
3/2 Shut-off valves
C01GF
B
C
C1
E
G
N
O
Model
R1/8
71
40,5
19
8
18,5
18
14
C01GG1818
R1/4
77
40,5
19
10
18,5
18
14
C01GG2828
R3/8
81
41
24
11
21,5
21
17
C01GG3838
R1/2
90
41
24
14
21,5
21
21
C01GG4848
ØA B
C
C1 * C2
E
G
N
O *
Model
6
R1/8
62
40,5
26
19
8
18,5
18
14
C01GH0618
6
R1/4
65
40,5
26
19
10
18,5
18
14
C01GH0628
6
R3/8
66
40,5
26
19
11
18,5
21
17
C01GH0638
8
R1/8
63
40,5
27,5
19
8
18,5
18
14
C01GH0818
8
R1/4
66
40,5
27,5
19
10
18,5
18
14
C01GH0828
8
R3/8
67
40,5
27,5
19
11
18,5
21
17
C01GH0838
10
R1/4
67
41
31
24
10
21,5
18
17
C01GH1028
10
R3/8
71,5
41
31
24
11
21,5
21
17
C01GH1038
10
R1/2
74,5
41
31
24
14
21,5
21
21
C01GH1048
12
R1/4
75,5
41
34
24
10
21,5
18
19
C01GH1228
12
R3/8
76,5
41
34
24
11
21,5
21
19
C01GH1238
12
R1/2
79,5
41
34
24
14
21,5
21
21
C01GH1248
* see drawing C01GG series
ØA B
C
C1 * C2
E
G
N
O *
Model
6
R1/8
62
40,5
26
19
8
18,5
18
14
C01GJ0618
6
R1/4
65
40,5
26
19
10
18,5
18
14
C01GJ0628
6
R3/8
66
40,5
26
19
11
18,5
21
17
C01GJ0638
8
R1/8
65
40,5
27,5
19
8
18,5
18
14
C01GJ0818
8
R1/4
66
40,5
27,5
19
10
18,5
18
14
C01GJ0828
8
R3/8
67
40,5
27,5
19
11
18,5
21
17
C01GJ0838
10
R1/4
70,5
41
31
24
10
21,5
18
17
C01GJ1028
10
R3/8
71,5
41
31
24
11
21,5
21
17
C01GJ1038
10
R1/2
74,5
41
31
24
14
21,5
21
21
C01GJ1048
12
R1/4
75,5
41
34
24
10
21,5
18
19
C01GJ1228
12
R3/8
76,5
41
34
24
11
21,5
21
19
C01GJ1238
12
R1/2
79,5
41
34
24
14
21,5
21
21
C01GJ1248
* see drawing C01GG series
ØA
C
C1 *
E
N
O *
Model
6
52,5
40,5
19
18,5
18
C00GF0600
8
53
40,5
19
18,5
18
C00GF0800
10
62
41
24
21,5
21
C00GF1000
12
68,5
41
24
21,5
21
C00GF1200
* see drawing C01GG series
1 Exhaust bore hole
C
E
ø 4,3
G
O
1
2
1
C
E
ø 4,3
G
C2
C
E
ø 4,3
2
1
G
C2
C
E
1
2
ø 4,3
Warning
These products are intended for use in industrial compressed air
systems only. Do not use these products where pressures and
temperatures can exceed those listed under
»Technical features/data«.
Before using these products with fluids other than those specified,
for non-industrial applications, life-support systems or other
applications not within published specifications, consult IMI NORGREN.
Through misuse, age, or malfunction, components used in fluid
power systems can fail in various modes.
The system designer is warned to consider the failure modes of all
component parts used in fluid power systems and to provide adequate
safeguards to prevent personal injury or damage to equipment in the
event of such failure.
System designers must provide a warning to end users in the system
instructional manual if protection against a failure mode cannot be
adequately provided.
System designers and end users are cautioned to review specific
warnings found in instruction sheets packed and shipped with these
products.
Diese Produkte sind ausschließlich in Druckluftsystemen zu verwenden.
Sie sind dort einzusetzen, wo die unter »Technische Merkmale/-
Daten« aufgeführten Werte nicht überschritten werden.
Berücksichtigen Sie bitte die entsprechende Katalogseite. Vor dem
Einsatz der Produkte bei nicht industriellen Anwendungen, in lebenser-
haltenden- oder anderen Systemen, die nicht in den veröffentlichten
Anleitungsunterlagen enthalten sind, wenden Sie sich bitte direkt an
IMI NORGREN.
Durch Missbrauch, Verschleiß oder Störungen können in Pneumatik-
systemen verwendete Komponenten auf verschiedene Arten versagen.
Systemauslegern wird dringend empfohlen, die Störungsarten aller
in Pneumatiksystemen verwendeten Komponententeile zu berück-
sichtigen und ausreichende Sicherheitsvorkehrungen zu treffen, um
Verletzungen von Personen sowie Beschädigungen der Geräte im
Falle einer solchen Störung zu verhindern.
Systemausleger sind verpflichtet, Sicherheitshinweise für den End-
benutzer im Betriebshandbuch zu vermerken, wenn der Störungs-
schutz nicht ausreichend gewährleistet ist.
Dimensions in mm
Projection/First angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27