công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71PL032J0ABFWTZ2 bảng dữ liệu(PDF) 3 Page - SPANSION

tên linh kiện S71PL032J0ABFWTZ2
Giải thích chi tiết về linh kiện  Based MCPs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL032J0ABFWTZ2 bảng dữ liệu(HTML) 3 Page - SPANSION

  S71PL032J0ABFWTZ2 Datasheet HTML 1Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 2Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 3Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 4Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 5Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 6Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 7Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 8Page - SPANSION S71PL032J0ABFWTZ2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you eval-
uate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work
on this proposed product without notice.
Publication Number S71PL-J_00
Revision B Amendment 3 Issue Date March 17, 2006
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 V to 3.1 V
High performance
— 65 ns (65 ns Flash, 70 ns pSRAM)
Packages
— 7 x 9 x 1.2mm 56 ball FBGA
— 8 x 11.6 x 1.2mm 64 ball FBGA
— 8 x 11.6 x 1.4mm 84 ball FBGA
Operating Temperature
—–25°C to +85°C
—–40°C to +85°C
General Description
The S71PL series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of:
One or more S29PL (Simultaneous Read/Write) Flash memory die
pSRAM or SRAM (See “Referenced Data Sheets” on page 2)
The 256Mb Flash memory consists of two S29PL127J devices. In this case, CE#f2 is used to
access the second Flash and no extra address lines are required.
The products covered by this document are listed in the table below:
Notes:
1. Not recommended for new designs; use pSRAM based MCPs instead.
2. Not recommended for new designs: use S71PL127N and S71PL256N instead.
S71PL-J Based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and
RAM 256M/128/64/32 Megabit (16/8/4/2M x 16-bit) CMOS 3.0
Volt-only Simultaneous Operation Page Mode Flash
Memory and 64/32/16/8/4 Megabit (4M/2M/1M/512K/256K x
16-bit) Static RAM/Pseudo Static RAM
Data Sheet
ADVANCE
INFORMATION
Flash Memory Density
32Mb
64Mb
128Mb (Note 2)
256Mb (Note 2)
pSRAM Density
4 Mb
S71PL032J40
8 Mb
S71PL032J80
S71PL064J80
16 Mb
S71PL032JA0
S71PL064JA0
32 Mb
S71PL064JB0
S71PL127JB0
64 Mb
S71PL127JC0
S71PL254JC0
Flash Memory Density
32Mb
64Mb
SRAM Density (Note 1)
4 Mb
S71PL032J04
8 Mb
S71PL032J08
S71PL064J08
16 Mb
S71PL064J0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com