công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MADCSM0012 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện MADCSM0012
Giải thích chi tiết về linh kiện  PCS LNA / Downconverter 1800-2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0012 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  MADCSM0012 Datasheet HTML 1Page - Tyco Electronics MADCSM0012 Datasheet HTML 2Page - Tyco Electronics MADCSM0012 Datasheet HTML 3Page - Tyco Electronics MADCSM0012 Datasheet HTML 4Page - Tyco Electronics MADCSM0012 Datasheet HTML 5Page - Tyco Electronics MADCSM0012 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCS LNA/Downconverter
1800-2000 MHz
MADCSM0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications - Korean Band PCS: Test Conditions: VDD = 3.0 V,
RF = 1855 MHz, IF = 210 MHz, LO = 1645 MHz, LO = -10 dBm, TA = 25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
—
dB
—
15
—
Noise Figure
—
dB
—
1.35
—
VSWR In/Out
—
Ratio
—
2:1
—
Input IP3
—
dBm
—
6
—
Idd
—
mA
—
15
—
Low Noise Amplifier
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Conversion Gain
VCTL = 3.0 V
VCTL = 1.0 V
dB
dB
22.5
—
25
21
27.5
—
Noise Figure
VCTL = 3.0 V
dB
—
2.3
3.2
Input IP3
RF Input = -30 dBm, VCTL = 3.0V
dBm
-11
-9
—
Isolation
LO to RF, VCTL = 3.0 V
LO to IF, VCTL = 3.0 V
RF to IF, VCTL = 3.0 V
dB
dB
dB
—
—
—
50
31
18
—
—
—
IDD
VCTL = 3.0 V
mA
—
25
37
Cascaded LNA/Downconverter
4
4. Complete cascaded measurements taken with 3 dB pad between LNA output and Downconverter input (RFA IN).
Part
Value
Purpose
C1
10 pF
LNA Input Matching
C2
1.2 pF
LNA Input Matching
C3
0.1 µF
LNA Source Bypass
C4, C5,
C6, C9
0.1 µF
RF Bypass
C7
0.1 µF
IF Bypass
C8
6.8 pF
IF Matching
L1
6.2 nH
LNA Matching
L2
47 nH
IF Output Matching
L3
120 nH
IF Mixer Matching
R1
—
Optional Resistor to
increase LNA IIP3
R2
3010 Ω
Voltage Control Resistor
Case
Size
0402
0402
0402
0402
0402
0402
0603
0603
0603
0603
0603
External Circuitry Parts List
(Korean Band PCS)
Sample Board Schematic
L1
LOA VDD
C1
LNA IN
LNA OUT
LOA IN
C4
L2
RFA VDD
IFA OUT
C6
R1
C5
C2
C3
VCTL
R2
LNA VDD2
RFA IN
IFA VDD
C7
C8
L3
C9
LNA VDD1
1
16
1
16
L1
LOA VDD
C1
LNA IN
LNA OUT
LOA IN
C4
L2
RFA VDD
IFA OUT
C6
R1
C5
C2
C3
VCTL
R2
LNA VDD2
RFA IN
IFA VDD
C7
C8
L3
C9
LNA VDD1
1
16
1
16



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com