công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29PL-N bảng dữ liệu(PDF) 45 Page - SPANSION

tên linh kiện S29PL-N
Giải thích chi tiết về linh kiện  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-N bảng dữ liệu(HTML) 45 Page - SPANSION

Back Button S29PL-N Datasheet HTML 41Page - SPANSION S29PL-N Datasheet HTML 42Page - SPANSION S29PL-N Datasheet HTML 43Page - SPANSION S29PL-N Datasheet HTML 44Page - SPANSION S29PL-N Datasheet HTML 45Page - SPANSION S29PL-N Datasheet HTML 46Page - SPANSION S29PL-N Datasheet HTML 47Page - SPANSION S29PL-N Datasheet HTML 48Page - SPANSION S29PL-N Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
November 23, 2005 S29PL-N_00_A4
S29PL-N MirrorBit™ Flash Family
43
Preliminary
7.5
Simultaneous Read/Write
The simultaneous read/write feature allows the host system to read data from one bank of mem-
ory while programming or erasing another bank of memory. An erase operation may also be
suspended to read from or program another location within the same bank (except the sector
being erased). Figure 11.12, Back-to-back Read/Write Cycle Timings shows how read and write
cycles may be initiated for simultaneous operation with zero latency. See the table, DC Charac-
teristics for read-while-program and read-while-erase current specifications.
Note: Amax = A23 (PL256N), A22 (PL127N)
Figure 7.5 Simultaneous Operation Block Diagram for S29PL256N and S29PL127N
VCC
VSS
Bank A Address
Bank B Address
Amax – A0
RESET#
WE#
CE#
DQ0 – DQ15
State
Control
and
Command
Register
RY/BY#
Bank A
X-Decoder
OE#
DQ15 – DQ0
Status
Control
Amax–A0
Amax – A0
Mux
Mux
Mux
Bank B
X-Decoder
Bank C
X-Decoder
Bank D
X-Decoder
Bank C Address
Bank D Address
WP#/ACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85