công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF245 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện BLF245
Giải thích chi tiết về linh kiện  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF245 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button BLF245 Datasheet HTML 4Page - NXP Semiconductors BLF245 Datasheet HTML 5Page - NXP Semiconductors BLF245 Datasheet HTML 6Page - NXP Semiconductors BLF245 Datasheet HTML 7Page - NXP Semiconductors BLF245 Datasheet HTML 8Page - NXP Semiconductors BLF245 Datasheet HTML 9Page - NXP Semiconductors BLF245 Datasheet HTML 10Page - NXP Semiconductors BLF245 Datasheet HTML 11Page - NXP Semiconductors BLF245 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 1992
9
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
Fig.14 Component layout for 175 MHz class-B test circuit.
The circuit and components are situated on one side of the epoxy fiber-glass board; the other side is unetched
copper and serves as an earth. Earth connections are made by means of fixing screws, hollow rivets and copper
straps under the sources and around the edges, to provide a direct contact between the copper on the
component side and the ground plane.
Dimensions in mm.
handbook, full pagewidth
MGP175
copper straps
copper straps
copper strap
rivets
C1
C2
C3
+VGG
+VDD
C4
L1
L2
L3
L4
L6
C5
C6
C7
C9
C10
C8
L5
R3
R2
R1
135
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12