công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMCGD6SP0010Y bảng dữ liệu(PDF) 4 Page - ITT Industries

tên linh kiện TMCGD6SP0010Y
Giải thích chi tiết về linh kiện  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

TMCGD6SP0010Y bảng dữ liệu(HTML) 4 Page - ITT Industries

  TMCGD6SP0010Y Datasheet HTML 1Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 2Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 3Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 4Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 5Page - ITT Industries TMCGD6SP0010Y Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
K–14
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TM Series
Miniature Snap-acting Switches
ACTUATOR
FIG. 3
A
B
C
Lever
FIG. 4
A
B
C
D
Simulated Roller
—
.600 ± .080
(15,24 ± 2,03)
.58
(14,7)
1.62
(41,1)
3
T25
.25 dia.
(6,4Ø)
.740 ± .090
(18,80 ± 2,29)
.58
(14,7)
1.50
(38,1)
4
T24
.19 dia.
(4,8Ø)
.810 ± .065
(20,57 ± 1,65)
.58
(14,7)
1.56
(39,6)
4
T23
—
.600 ± .045
(15,24 ± 1,14)
.58
(14,7)
1.06
(26,9)
3
T20
—
.600 ± .093
(15,24 ± 2,36)
.36
(9,1)
2.75
(69,9)
3
T18
—
.600 ± .052
(15,24 ± 1,57)
.36
(9,1)
2.00
(50,8)
3
T17
—
.600 ± .062
(15,24 ± 1,57)
.36
(9,1)
2.34
(59,4)
3
T16
—
.600 ± .040
(15,24 ± 1,02)
.36
(9,1)
1.40
(35,6)
3
T15
.25 dia.
(6,4Ø)
.740 ± .050
(18,8 ± 1,3)
.36
(9,1)
1.29
(32,8)
4
T14
.19 dia.
(4,8Ø)
.810 ± .040
(20,57 ± 1,02)
.36
(9,1)
1.34
(34,0)
4
T13
—
.600 ± .020
(15,24 ± 0,51)
.36
(9,1)
.84
(21,3)
3
T10
2.56
(65,0)
T26
HIGH FORCE, LOW MOTION PIVOT POSITION
LOW FORCE, HIGH MOTION PIVOT POSITION
NOTE: Lever actuator options are available in either of two pivot positions.
Levers located in the forward pivot position have lower forces and higher motions.
Levers located in the rear pivot position have higher forces and lower motions.
Available with actuators A10, A15, T10, T13, T14, T15, T16, T17 and T18.
Available with actuators A20, A25, T20, T23, T24, T25, T26, T27 and T28.
FIG. 1
A
B
C
D
Lever Roller
FIG. 2
A
C
Pin Roller
.19 dia.
(4,8Ø)
.810 ± .080
(20,57 ± 2,03)
.58
(14,7)
1.56
(39,6)
1
A25
.19 dia.
(4,8Ø)
.810 ± .050
(20,57 ± 1,27)
.58
(14,7)
1.03
(26,2)
1
A20
.19 dia.
(4,8Ø)
.810 ± .040
(20,57 ± 1,02)
.36
(9,1)
1.34
(34,0)
1
A15
.19 dia.
(4,8Ø)
.810 ± .020
(20,57 ± 0,51)
.36
(9,1)
.81
(20,6)
1
A10
—
.578 ± .015
(14,68 ± 0,38)
—
.80
(20,3)
2
P00
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
OPTION CODE
3
.56
(14,7)
—
.600±.125
(15,24±3.18)
2.22
(56,4)
T27
3
.58
(14,7)
—
.600±.125
(15,24±3.18)
2.97
(75,4)
T28
3
.58
(14,7)
—
.600±.187
(15,24±4.75)



Html Pages

1 2 3 4 5 6