công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71WS256NB0BAWTP2 bảng dữ liệu(PDF) 3 Page - SPANSION

tên linh kiện S71WS256NB0BAWTP2
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256NB0BAWTP2 bảng dữ liệu(HTML) 3 Page - SPANSION

  S71WS256NB0BAWTP2 Datasheet HTML 1Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 2Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 3Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 4Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 5Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 6Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 7Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 8Page - SPANSION S71WS256NB0BAWTP2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71WS-N_00
Revision A
Amendment 6
Issue Date July 19, 2006
Features
Power supply voltage of 1.7 V to 1.95 V
Burst Speed: 54 MHz, 66 MHz, 80 MHz
Package
– 8 x 11.6 mm, 9 x 12 mm
Operating Temperature
– Wireless, –25° C to +85° C
General Description
The S71WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists of the following items:
One or more flash memory die (for the S71WS512N, two S29WS256N devices are used)
CellularRAM Type 2 pSRAM
The products covered by this document are listed in the table below. For details about their specifications, please refer to the
individual constituent datasheet for further details.
For detailed specifications, please refer to the individual data sheets.
S71WS-N
Stacked Multi-Chip Product (MCP)
1.8 Volt-only Simultaneous Read/Write,
Burst-mode Flash Memory with CellularRAM™
Data Sheet (Advance Information)
Flash Density
pSRAM
32 Mb
64 Mb
128 Mb
S29WS128N
S71WS128NB0
S71WS128NC0
S29WS256N
S71WS256NC0
S71WS256ND0
S29WS512N
S71WS512NC0
S71WS512ND0
Document
Publication Identification Number (PID)
S29WS-N
S29WS-N_00
128 M CellularRAM Type 2
Cellram_04
32 M CellularRAM Type 2
Cellram_06
64 M CellularRAM Type 2
Cellram_07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com