công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71WS256NB0BAWAP2 bảng dữ liệu(PDF) 13 Page - SPANSION

tên linh kiện S71WS256NB0BAWAP2
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256NB0BAWAP2 bảng dữ liệu(HTML) 13 Page - SPANSION

Back Button S71WS256NB0BAWAP2 Datasheet HTML 5Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 6Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 7Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 8Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 9Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 10Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 11Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 12Page - SPANSION S71WS256NB0BAWAP2 Datasheet HTML 13Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
July 19, 2006 S71WS-N_00_A6
S71WS-N
11
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
6.
Revision History
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without
limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as
contemplated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal
operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under
the Foreign Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country,
the prior authorization by the respective government entity will be required for export of those products.
Trademarks and Notice
The contents of this document are subject to change without notice. This document may contain information on a Spansion product under
development by Spansion. Spansion reserves the right to change or discontinue work on any product without notice. The information in this
document is provided as is without warranty or guarantee of any kind as to its accuracy, completeness, operability, fitness for particular purpose,
merchantability, non-infringement of third-party rights, or any other warranty, express, implied, or statutory. Spansion assumes no liability for any
damages of any kind arising out of the use of the information in this document.
Copyright © 2004-2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations
thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.
Section
Description
Revision A (February 1, 2004)
Initial release.
Revision A1 (February 9, 2005)
Global
Updated document to include Burst Speed of 66 MHz
Updated Publication Number
Revision A2 (March 31, 2005)
Global
Updated Product Selector Guide and Ordering Information tables
Revision A3 (May 2, 2005)
Global
Added 80 MHz speed options to:
Product Selector Guide
Ordering Information table
Valid Combination table
Revision A4 (August 25, 2005)
Global
Replaced module cellRAM_00_A0 with cellRAM_03 and cellRAM_04
Revision A5 (February 7, 2006)
Global
Updated Product Selector Guide with new options
Updated the Ordering Part Number table
Updated the Valid Combinations table
Removed the Look-ahead Diagram
Revision A6 (July 19, 2006)
Global
Reformatted document to new template
Added reference to 32 Mb CellRAM module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com