| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29CD032J0JFAM033 bảng dữ liệu(PDF) 13 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29CD032J0JFAM033 bảng dữ liệu(HTML) 13 Page - SPANSION |
|
13 / 76 page ![]() September 27, 2006 S29CD-J_CL-J_00_B1 S29CD-J & S29CL-J Flash Family 11 Da ta Shee t (Prelim i nar y ) 5.3 80-Ball Fortified BGA Connection Diagrams Notes 1. On 16 Mb device, ball D3 (A19) is NC. 2. Ball F5 (RY/BY#) is Open Drain and requires an external pull-up resistor. 5.4 Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (BGA). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time. B3 C3 D3 E3 F3 G3 H3 B4 C4 D4 E4 F4 G4 H4 B5 C5 D5 E5 F5 G5 H5 B6 C6 D6 E6 F6 G6 H6 B7 C7 D7 E7 F7 G7 H7 B8 C8 D8 E8 F8 G8 H8 DQ20 VCCQ VSS VCCQ DQ29 A0 A1 DQ18 DQ23 DQ24 DQ26 DQ30 NC A4 DQ19 DQ21 DQ25 DQ28 DQ31 A7 A5 DQ17 DQ22 RY/BY# DQ27 NC NC A8 WP# DQ9 DQ5 DQ1 NC A10 A9 DQ11 DQ10 DQ6 DQ2 A19 A11 A12 A3 A4 A5 A6 A7 A8 A2 A3 A6 VSS ACC VCC B2 C2 D2 E2 F2 G2 H2 DQ12 DQ8 DQ7 DQ4 DQ0 A18 A13 A2 A14 B1 C1 D1 E1 F1 G1 H1 DQ13 J3 J4 J5 J6 J7 J8 DQ16 IND/WAIT# OE# CE# NC ADV# J2 DQ14 J1 DQ15 K3 K4 K5 K6 K7 K8 NC NC WE# VCC VSS CLK K2 RESET# K1 VCCQ? VCCQ VSS VCCQ DQ3 A17 A16 A1 A15 |