| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BCC05LM bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BCC05LM bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd. |
|
2 / 2 page ![]() Double-Ended Cordsets BCC M415-M413-3A-603-EX43T2-010 Order Code: BCC05LM Internet www.balluff.com eCl@ss 9.1: 27-06-03-11 Subject to change without notice: 250063 ETIM 6.0: EC001855 BCC05LM_0.86_2022-12-22 2 / 2 Remarks Cable construction acc. to UL-AWM Style 20327 Flame resistance acc. to IEC 332-2 Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece. Connector Drawings I PIN 1: brown PIN 2: not used PIN 3: blue PIN 4: black PIN 5: not used II PIN 1: brown PIN 3: blue PIN 4: black Wiring Diagrams 1) Green LED = Power 2) Yellow LED = Function |