| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS952606 bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS952606 bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp |
|
14 / 20 page ![]() 14 Integrated Circuit Systems, Inc. ICS952606 0717F—06/10/05 I 2C Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 1 Bit 2 BC2 RW - - 0 Bit 1 BC1 RW - - 0 Bit 0 BC0 RW - - 0 I 2C Table: Reserved Pin # Name Control Function Type0 1 PWD Bit 7 RESERVED RESERVED - X Bit 6 RESERVED RESERVED - X Bit 5 RESERVED RESERVED - X Bit 4 RESERVED RESERVED - X Bit 3 RESERVED RESERVED - X Bit 2 RESERVED RESERVED - X Bit 1 RESERVED RESERVED - X Bit 0 RESERVED RESERVED - X I 2C Table: Reserved Pin # Name Control Function Type0 1 PWD Bit 7 M/N prog Enable M/N prog Enable - Disable Enable 0 Bit 6 RESERVED RESERVED - X Bit 5 RESERVED RESERVED - X Bit 4 RESERVED RESERVED - X Bit 3 RESERVED RESERVED - X Bit 2 RESERVED RESERVED - X Bit 1 RESERVED RESERVED - X Bit 0 RESERVED RESERVED - X I 2C Table: VCO Frequency Control Register Pin # Name Control Function Type0 1 PWD Bit 7 N Div8 N Divider Bit 8 RW - - X Bit 6 M Div6 RW - - X Bit 5 M Div5 RW - - X Bit 4 M Div4 RW - - X Bit 3 M Div3 RW - - X Bit 2 M Div2 RW - - X Bit 1 M Div1 RW - - X Bit 0 M Div0 RW - - X RESERVED Byte 10 - - RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED - - - - - - - - - - - RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED RESERVED The decimal representation of M Div (6:0) is equal to reference divider value. Default at power up = latch-in or Byte 0 Rom table. - - - - - - - - - - - - Byte 8 - Byte 11 - - - - - Byte 9 - Writing to this register will configure how many bytes will be read back, default is 08 = 8 bytes. |