| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLF177 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF177 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 16 page ![]() September 1992 13 Philips Semiconductors Product specification HF/VHF power MOS transistor BLF177 Fig.20 Component layout for 108 MHz class-B test circuit. The circuit and components are situated on one side of the epoxy fibre-glass board, the other side being fully metallized to serve as earth. Earth connections are made by means of hollow rivets, whilst under the source leads and at the input and output copper straps are used for a direct contact between upper and lower sheets. Dimensions in mm. handbook, full pagewidth MGP105 174 70 strap strap strap rivet C1 C2 C3 C4 C8 C6 C7 C5 L2 L1 L3 R1 R2 R3 R4 L4 L7 L5 L8 C14 C13 C12 +VD R6 L6 R5 C10 C11 C9 C15 C19 C16 C18 C17 |