công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAB bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện FAB
Giải thích chi tiết về linh kiện  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

FAB bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FAB Datasheet HTML 3Page - List of Unclassifed Manufacturers FAB Datasheet HTML 4Page - List of Unclassifed Manufacturers FAB Datasheet HTML 5Page - List of Unclassifed Manufacturers FAB Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB Datasheet HTML 9Page - List of Unclassifed Manufacturers FAB Datasheet HTML 10Page - List of Unclassifed Manufacturers FAB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
32
Direct acting 2 port solenoid valve for compressed air, manifold
(special purpose valve)
GFAB Series
NC (normally closed) type
Port size: M5, Rc1/8, Rc1/4, Rc3/8
Common specifications
Descriptions
Compressed air
0 to 1.4
(Refer to the maximum working pressure differential on the individual specifications)
2.1 (1.5 for GFAB11/GFAB21)
AC: -10 to 60, DC: -10 to 40 (no freezing)
AC: -20 to 40, DC: -20 to 40
B
No corrosive gas and flammable
Direct acting poppet structure
0.2 or less
Free
IP65 or equivalent (Note 1)
1
1.5
1.5
2
2
3
5
3
4
7
4
5
7
0.15
0.31
0.31
0.53
0.55
1.2
2.1
1.2
2.1
3.5
2.1
3.0
4.4
0.54
0.49
0.49
0.38
0.48
0.39
0.27
0.39
0.34
0.21
0.34
0.22
0.18
0.7
0.3
1.0
0.6
1.4
1.0
0.3
1.4
1.0
0.25
1.2
0.7
0.3
0.7
0.3
1.0
0.6
1.4
0.6
0.15
1.4
0.9
0.15
1.2
0.8
0.3
GFAB
MPa
MPa
cm3/min. (ANR)
Individual specifications
GFAB
-Z
-1
GFAB
-1
-2
GFAB
-2
-3
-6
GFAB
-3
-5
-7
GFAB
-5
-6
-7
Port size
Port A
Port C
Orifice
(mm)
AC
DC
50Hz
3.4
5.3
7.5
15
20
Voltage
Model no.
GFAB1
GFAB2
GFAB3/4/5
2mA or less
3mA or less
6mA or less
1mA or less
1.5mA or less
3mA or less
1mA or less 2mA or less
100 VAC
200 VAC
24 VDC
12 VDC
1.0
1.4
2.6
5.0
4.6
2.3/1.6
Rc 1/8
Rc 1/4
M5
Rc 1/4
Rc 1/4
Rc 1/8
Rc 1/8
Rc 3/8
Rc 3/8
Rc 3/8
100 VAC
50/60Hz
110 VAC
60Hz
200 VAC
50/60Hz
220 VAC
60Hz
24 VDC
12 VDC
3
3.7
10
9
2.7/2
4
5.5
20
17
4/3.4
6.5
11
40
35
7.5/6.5
8
16
55
45
11/9.5
11.5
60Hz 50Hz 60Hz
AC
50/60Hz
DC
Max. working
pressure
MPa
Rated
voltage
Power consumption (W)
At holding At starting
Max. working
pressure differential
MPa
Rated electric power (VA)
Descriptions
Model no.
Working fluid
Working pressure
differential range
Withstanding pressure (water pressure)
Fluid temperature
Ambient temperature
Heat proof class
Atmosphere
Valve structure
Valve seat leakage
Installation attitude
Protective structure
*1: Use the allowable voltage fluctuation range within
10% of the rated voltage.
*2: The leakage current must be less than values given below.
*3: Effective sectional area S and sonic conductance C are converted as S
5.0 x C.
IN
OUT
Port A
Port C
Port A
IN
OUT
IN
OUT
IN
OUT
Port A
Port A
Port C
JIS symbol
NC (normally closed) /
common supply type
(Port C pressurized)
NC (normally closed) /
individual supply type
(Port A pressurized)
11
15
21
25
31
35
41
45
51
55
C[dm3/(s bar)]
b
Flow characteristics
Note 1: The T-type terminal box type is IP61 or equivalent, and the GFAB11/GFAB15 compact terminal box type is IP40
or equivalent.
Refer to Ending 17 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com