công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX4827 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện TMUX4827
Giải thích chi tiết về linh kiện  TMUX4827 ±12-V Beyond the Supply, 2:1 (SPDT) 2-channel, Power-Off Protection Switch, with 0.13-Ω Ron and 1.8-V Compatible Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX4827 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TMUX4827 Datasheet HTML 9Page - Texas Instruments TMUX4827 Datasheet HTML 10Page - Texas Instruments TMUX4827 Datasheet HTML 11Page - Texas Instruments TMUX4827 Datasheet HTML 12Page - Texas Instruments TMUX4827 Datasheet HTML 13Page - Texas Instruments TMUX4827 Datasheet HTML 14Page - Texas Instruments TMUX4827 Datasheet HTML 15Page - Texas Instruments TMUX4827 Datasheet HTML 16Page - Texas Instruments TMUX4827 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
7 Parameter Measurement Information
7.1 On-Resistance
The on-resistance of a device is the ohmic resistance between the source (Sx) and drain (Dx) pins of the
device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote
on-resistance. Figure 7-1 shows the measurement setup used to measure RON. Voltage (V) and current (ISD) are
measured using this setup, and RON is computed with RON = V / ISD.
V
Dx
V
S
I
SD
Sx
RON
Figure 7-1. On-Resistance Measurement Setup
7.2 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON). Drain on-leakage current is defined as the leakage current
flowing into or out of the drain pin when the switch is on. This current is denoted by the symbol ID(ON). Either the
source pin or drain pin is left floating during the measurement. Figure 7-2 shows the circuit used for measuring
the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
S1A
GND
VS
S1B
D1
VD
ID (ON)
VDD
VDD
S1A
GND
VS
S1B
D1
Vs
A
IS (ON)
N.C.
N.C.
A
S2A
VS
S2B
D2
VD
ID (ON)
S2A
VS
S2B
D2
Vs
A
N.C.
N.C.
A
IS (ON)
Figure 7-2. On-Leakage Measurement Setup
www.ti.com
TMUX4827
SCDS457A – MAY 2023 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX4827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com