công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S75WS256NDFBAWMA bảng dữ liệu(PDF) 99 Page - SPANSION

tên linh kiện S75WS256NDFBAWMA
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMA bảng dữ liệu(HTML) 99 Page - SPANSION

Back Button S75WS256NDFBAWMA Datasheet HTML 95Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 96Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 97Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 98Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 99Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 100Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 101Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 102Page - SPANSION S75WS256NDFBAWMA Datasheet HTML 103Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 216 page
background image
February 17, 2005 S75WS-N-00_00_A0
S75WS256Nxx Based MCPs
97
Data
Sheet
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors [The device is fully erased when shipped from the
factory].
Hardware data protection measures include a low VCC detector that automatically inhibits write
operations during power transitions.
When the ACC pin = VIL, the entire flash memory array is protected.
The device offers two power-saving features. When addresses have been stable for a specified
amount of time, the device enters the automatic sleep mode. The system can also place the
device into the standby mode. Power consumption is greatly reduced in both modes.
Spansion’s Flash technology combines years of Flash memory manufacturing experience to pro-
duce the highest levels of quality, reliability and cost effectiveness. The device electrically erases
all bits within a sector. The data is programmed using hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com