| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 62 page ![]() 8 Detailed Description 8.1 Overview These devices consist of two independent, high-gain frequency-compensated operational amplifiers designed to operate from a single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is within the supply voltage range specified in Section 6.3 and VS is at least 1.5 V more positive than the input common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage. Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier circuits that now can be implemented more easily in single-supply-voltage systems. For example, these devices can be operated directly from the standard 5-V supply used in digital systems and easily can provide the required interface electronics without additional ±5-V supplies. 8.2 Functional Block Diagram: LM358B, LM358BA, LM2904B, LM2904BA LM158, LM158A, LM258, LM258A LM2904, LM2904B, LM2904BA, LM2904V LM358, LM358A, LM358B, LM358BA SLOS068AA – JUNE 1976 – REVISED MARCH 2022 www.ti.com 26 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358 LM358A LM358B LM358BA |