công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCE1540AF bảng dữ liệu(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

tên linh kiện NCE1540AF
Giải thích chi tiết về linh kiện  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Trang chủ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE1540AF bảng dữ liệu(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE1540AF Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE1540AF Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCE1540AF
http://www.ncepower.com
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE1540AF uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS =150V,ID =20A
RDS(ON) < 35mΩ @ VGS=10V (Typ:30mΩ)
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
100% ΔVds TESTED!
Schematic diagram
Marking and pin assignment
TO-220F top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE1540AF
NCE1540AF
TO-220F
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
20
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
14
A
Pulsed Drain Current
IDM
60
A
Maximum Power Dissipation
PD
37
W
Derating factor
0.3
W/℃
Single pulse avalanche energy (Note 5)
EAS
320
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃


Số phần tương tự - NCE1540AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
NCE1540AD VBSEMI-NCE1540AD Datasheet
1,006Kb / 8P
N-Channel 150V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE1540AD NCEPOWER-NCE1540AD Datasheet
320Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
v1.0
More results

Mô tả tương tự - NCE1540AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com