| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS950220 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS950220 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 21 page ![]() 6 Integrated Circuit Systems, Inc. ICS950220 0467G—03/02/07 Byte 1: Output Control Register (1 = enable, 0 = disable) Byte 3: Output Control Register (1 = enable, 0 = disable) Byte 2: Output Control Register (1 = enable, 0 = disable) Byte 4: Output Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B9 3 , 0 41 2 C / T U P C 6 t i B3 4 , 4 41 1 C / T U P C 5 t i B6 4 , 7 41 0 C / T U P C 4 t i B- X k c a b d a e R 4 S F 3 t i B- X k c a b d a e R 3 S F 2 t i B- X k c a b d a e R 2 S F 1 t i B- X k c a b d a e R 1 S F 0 t i B- X k c a b d a e R 0 S F t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 t i b l o r t n o c 6 6 V 3 . c n y s A U P C h t i w s u o n o r h c n y s a z H M 2 3 / 4 6 = I C P / 6 6 V 3 : 0 U P C h t i w s u o n o r h c n y s z H M 3 . 3 3 / 6 . 6 6 = I C P / 6 6 V 3 : 1 6 t i B- X d e v r e s e R 5 t i B- X d e v r e s e R 4 t i B1 31 # Z H M 8 4 _ 4 2 / 0 _ 6 6 V 3 3 t i B- X d e v r e s e R 2 t i B2 21 3 _ 6 6 V 3 1 t i B1 21 2 _ 6 6 V 3 0 t i B0 21 1 _ 6 6 V 3 t i B# n i PD W Pn o i t p i r c s e D 7 t i B- X ) k c a b d a e R ( L E S T L U M 6 t i B7 11 6 _ K L C I C P 5 t i B6 11 5 _ K L C I C P 4 t i B5 11 4 _ K L C I C P 3 t i B2 11 3 _ K L C I C P 2 t i B1 11 2 _ K L C I C P 1 t i B0 11 1 _ K L C I C P 0 t i B9 1 0 _ K L C I C P Notes: 1. PWD = Power on Default 2. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at high, CPUCLKC off, and external resistor termination will bring CPUCLKC low. t i B# n i PD W Pn o i t p i r c s e D 7 t i B4 31 T O D _ Z H M 8 4 6 t i B5 31 B S U _ z H M 8 4 5 t i B- 1 e l b a s i D = 0 , e l b a n E = 1 t c e t e d t f i h s r a e g t e s e R 4 t i B- X d e v r e s e R 3 t i B1 30 , # Z H M 8 4 _ 4 2 / 0 _ 6 6 V 3# Z H M 8 4 _ 4 2 = 0 , z H M 6 6 . 6 6 = 1 ) t l u a f e d ( 2 t i B- X d e v r e s e R 1 t i B6 1 8 K L C I C P 0 t i B5 1 7 K L C I C P |