| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS91730 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS91730 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 12 page ![]() ICS91730 LOW EMI, SPREAD MODULATING, CLOCK GENERATOR IDT® LOW EMI, SPREAD MODULATING, CLOCK GENERATOR 6 ICS91730 REV F 061611 Byte 4 Pin # Name Control Function 0 1 PWD Bit 7 X (Reserved) (Reserved) RW -- 1 Bit 6 X (Reserved) (Reserved) RW -- 1 Bit 5 X (Reserved) (Reserved) RW -- 1 Bit 4 X (Reserved) (Reserved) RW -- 1 Bit 3 X (Reserved) (Reserved) RW -- 1 Bit 2 X (Reserved) (Reserved) RW -- 1 Bit 1 X (Reserved) (Reserved) RW -- 1 Bit 0 X (Reserved) (Reserved) RW -- 1 Byte 5 Pin # Name Control Function 0 1 PWD Bit 7 X (Reserved) (Reserved) - -- 1 Bit 6 X (Reserved) (Reserved) - -- 1 Bit 5 X (Reserved) (Reserved) - - - 1 Bit 4 X (Reserved) (Reserved) - - - 1 Bit 3 X (Reserved) (Reserved) RW -- 1 Bit 2 X (Reserved) (Reserved) RW -- 1 Bit 1 X (Reserved) (Reserved) RW -- 1 Bit 0 X (Reserved) (Reserved) RW -- 1 Byte 6 Pin # Name Control Function 0 1 PWD Bit 7 X Revision ID Bit 3 (Reserved) R- - 1 Bit 6 X Revision ID Bit 2 (Reserved) R- - 1 Bit 5 X Revision ID Bit 1 (Reserved) R- - 1 Bit 4 X Revision ID Bit 0 (Reserved) R- - 1 Bit 3 X Vendor ID Bit 3 (Reserved) R- - 1 Bit 2 X Vendor ID Bit 2 (Reserved) R- - 1 Bit 1 X Vendor ID Bit 1 (Reserved) R- - 1 Bit 0 X Vendor ID Bit 0 (Reserved) R- - 1 Affected Pin Type Bit Control Type Bit Control Affected Pin Affected Pin Type Bit Control |