công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS91305I bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện ICS91305I
Giải thích chi tiết về linh kiện  HIGH PERFORMANCE COMMUNICATION BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91305I bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  ICS91305I Datasheet HTML 1Page - Renesas Technology Corp ICS91305I Datasheet HTML 2Page - Renesas Technology Corp ICS91305I Datasheet HTML 3Page - Renesas Technology Corp ICS91305I Datasheet HTML 4Page - Renesas Technology Corp ICS91305I Datasheet HTML 5Page - Renesas Technology Corp ICS91305I Datasheet HTML 6Page - Renesas Technology Corp ICS91305I Datasheet HTML 7Page - Renesas Technology Corp ICS91305I Datasheet HTML 8Page - Renesas Technology Corp ICS91305I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS91305I
HIGH PERFORMANCE COMMUNICATION BUFFER
IDT® HIGH PERFORMANCE COMMUNICATION BUFFER
5
ICS91305I
REV G 090612
Output to Output Skew
The skew between CLKOUT and the CLK(1-4) outputs is not dynamically adjusted by the PLL. Since CLKOUT is one of
the inputs to the PLL, zero phase difference is maintained from REF to CLKOUT. If all outputs are equally loaded, zero phase
difference will maintained from REF to all outputs.
If applications requiring zero output-output skew, all the outputs must equally loaded.
If the CLK(1-4) outputs are less loaded than CLKOUT, CLK(1-4) outputs will lead it; and if the CLK(1-4) is more loaded than
CLKOUT, CLK(1-4) will lag the CLKOUT.
Since the CLKOUT and the CLK(1-4) outputs are identical, they all start at the same time, but different loads cause them to
have different rise times and different times crossing the measurement thresholds.
Timing diagrams with different loading configurations



Html Pages

1 2 3 4 5 6 7 8 9 10