| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G7L-2ABUBJ bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
G7L-2ABUBJ bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 13 page ![]() 7 G7L Power Relay G 7 L ● Upper Bracket Mounting Quick-connect Terminals 51.5 max. 61.5 max. 55.5 max. 65 max. 51.5 max. 61.5 max. 55.5 max. 65 max. PFP- @N 2-M3.5 × 6 (coil side) 4-M4 × 8 (contact side) 2-M3.5 × 6 (coil side) 4-M4 × 8 (contact side) G7L P7LF-06 PFP- @N G7L P7LF-06 01 4 5 5 2 2 6 01 4 26 8 Test button Test button Two, M4 or 4.5-dia. holes 40 ±0.1 G7L-1A-TJ (with Test Button) Terminal Arrangement/ Internal Connections (Top View) Mounting Holes Note. Refer to page 12 for the coil internal connection diagram G7L-2A-TJ (with Test Button) (No coil polarity) Note. Refer to page 12 for the coil internal connection diagram (No coil polarity) Two, 4.5-dia. hole or M4 tapped holes 11 4.5 68.5 max. 33.5 max. 47 max. 01 46 01 4 26 8 0.8 50.5 max. 6.35 60 11 2.5 4.5 68.5 max. 33.5 max. 47 max. 0.8 50.5 max. 6.35 60 11 2.5 4.5 68.5 max. 33.5 max. 47 max. 01 46 01 4 26 8 0.8 2 2 50.5 max. 6.35 60 11 2.5 4.5 68.5 max. 33.5 max. 47 max. 0.8 50.5 max. 6.35 60 60 ±0.2 Test button Test button G7L-1A-TUB Terminal Arrangement/ Internal Connections (Top View) Mounting Holes G7L-2A-TUB G7L-1A-TUBJ (with Test Button) G7L-2A-TUBJ (with Test Button) Note. Refer to page 12 for the coil internal connection diagram (No coil polarity) Note. Refer to page 12 for the coil internal connection diagram (No coil polarity) Note. Refer to page 12 for the coil internal connection diagram (No coil polarity) Note. Refer to page 12 for the coil internal connection diagram (No coil polarity) |