công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S71WS064JB0BAWTY2 bảng dữ liệu(PDF) 38 Page - SPANSION

tên linh kiện S71WS064JB0BAWTY2
Giải thích chi tiết về linh kiện  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 bảng dữ liệu(HTML) 38 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 34Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 35Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 36Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 37Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 38Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 39Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 40Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 41Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 186 page
background image
36
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
GRZQORDGHG ,I QR FKDQJHV DUH QHHGHG WKHQ WKH ERRW FRGH FDQ VHW WKH 33% /RFN
WR GLVDEOHDQ\ IXUWKHUFKDQJHVWR WKH 33%VGXULQJV\VWHPRSHUDWLRQ
7KH :3 ZULWH SURWHFW SLQ DGGV D ILQDO OHYHO RI KDUGZDUH SURWHFWLRQ WR WKH IRXU
RXWHUPRVW  .E\WHV VHFWRUV 6$  6$ IRU D ERWWRP ERRW :6- 6$ 
6$ :6- 6$  6$ RU 6$  6$
:6- 6$  6$
:6- 6$  6$ IRU D GXDO ERRW  :KHQ WKLV SLQ LV ORZ LW LV QRW SRVVLEOH
WR FKDQJH WKH FRQWHQWV RI WKHVH IRXU VHFWRUV 7KHVH VHFWRUV JHQHUDOO\ KROG V\V
WHP ERRW FRGH 6R WKH :3 SLQ FDQ SUHYHQW DQ\ FKDQJHV WR WKH ERRW FRGH WKDW
FRXOG RYHUULGH WKH FKRLFHV PDGH ZKLOH VHWWLQJ XS VHFWRU SURWHFWLRQ GXULQJ V\V
WHPLQLWLDOL]DWLRQ
,W LV SRVVLEOH WR KDYH VHFWRUV WKDW KDYH EHHQ SHUVLVWHQWO\ ORFNHG DQG VHFWRUV
WKDW DUH OHIW LQ WKH G\QDPLF VWDWH 7KH VHFWRUV LQ WKH G\QDPLF VWDWH DUH DOO XQ
SURWHFWHG ,I WKHUH LV D QHHG WR SURWHFW VRPH RI WKHP D VLPSOH '3% :ULWH
FRPPDQG VHTXHQFH LV DOO WKDW LV QHFHVVDU\ 7KH '3% ZULWH FRPPDQG IRU WKH G\
QDPLF VHFWRUV VZLWFK WKH '3%V WR VLJQLI\ SURWHFWHG DQG XQSURWHFWHG
UHVSHFWLYHO\ ,I WKHUH LV D QHHG WR FKDQJH WKH VWDWXV RI WKH SHUVLVWHQWO\ ORFNHG
VHFWRUV D IHZ PRUH VWHSV DUH UHTXLUHG )LUVW WKH 33% /RFN ELW PXVW EH GLVDEOHG
E\ HLWKHU SXWWLQJ WKH GHYLFH WKURXJK D SRZHUF\FOH RU KDUGZDUH UHVHW 7KH 33%V
FDQ WKHQ EH FKDQJHG WR UHIOHFW WKH GHVLUHG VHWWLQJV 6HWWLQJ WKH 33% ORFN ELW RQFH
DJDLQZLOO ORFNWKH33%VDQG WKH GHYLFHRSHUDWHVQRUPDOO\DJDLQ
1RWH WR DFKLHYH WKH EHVW SURWHFWLRQ LW¶V UHFRPPHQGHG WR H[HFXWH WKH 33% ORFN
ELW VHW FRPPDQG HDUO\ LQ WKH ERRW FRGH DQG SURWHFW WKH ERRW FRGH E\ KROGLQJ
:3
9,/
Table 6.
Sector Protection Schemes
7DEOH  FRQWDLQV DOO SRVVLEOH FRPELQDWLRQV RI WKH '3% 33% DQG 33% ORFN UHODWLQJ
WR WKH VWDWXVRIWKHVHFWRU
,Q VXPPDU\ LI WKH 33% LV VHW DQG WKH 33% ORFN LV VHW WKH VHFWRU LV SURWHFWHG DQG
WKH SURWHFWLRQ FDQ QRW EH UHPRYHG XQWLO WKH QH[W SRZHU F\FOH FOHDUV WKH 33%
ORFN ,I WKH 33% LV FOHDUHG WKH VHFWRU FDQ EH G\QDPLFDOO\ ORFNHG RU XQORFNHG 7KH
'3% WKHQ FRQWUROV ZKHWKHU RU QRW WKH VHFWRULV SURWHFWHGRUXQSURWHFWHG
'3%
33%
33%/RFN
6HFWRU 6WDWH



8QSURWHFWHG²33% DQG '3% DUH FKDQJHDEOH



3URWHFWHG²33% DQG '3% DUH FKDQJHDEOH



3URWHFWHG²33% DQG '3% DUH FKDQJHDEOH



3URWHFWHG²33% DQG '3% DUH FKDQJHDEOH



8QSURWHFWHG²33% QRW FKDQJHDEOH '3% LV
FKDQJHDEOH



3URWHFWHG²33% QRW FKDQJHDEOH '3% LV
FKDQJHDEOH



3URWHFWHG²33% QRW FKDQJHDEOH '3% LV
FKDQJHDEOH



3URWHFWHG²33% QRW FKDQJHDEOH '3% LV
FKDQJHDEOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com