| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICE40-LP bảng dữ liệu(PDF) 13 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ICE40-LP bảng dữ liệu(HTML) 13 Page - Lattice Semiconductor |
|
13 / 128 page ![]() Package Diagrams 13 28-Pin PLCC Package Dimensions in Inches A-B // .007 SH .002 S A-B S S D .007 S A-B H S D S A-B S .002 1 28 A-B .007 S H .007 S H S SD D S A-B S DIMENSION APPLIES TO BASE METAL ONLY TOP POINT OF MEASUREMENT IS DATUM MEASUREMENT IS AT MAJOR FLAT AREA OF LOWER PLASTIC SURFACE DEFINED BY D3/E3 ALLOWABLE PROTRUSION IS .010 PER SIDE. 8 7 ; BOTTOM POINT OF -H- LOCATED AT TOP OF MOLD PARTING LINE AND TO BE MEASURED AT SEATING PLANE EXIT PLASTIC BODY AT DATUM PLANE DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION. COINCIDENT WITH TOP OF LEAD WHERE LEAD EXITS PLASTIC BODY ALL DIMENSIONS AND TOLERANCES CONFORM TO ANSI Y14.5M-1982 DATUMS DATUM PLANE 6 5 4 AND A-B -D- -H- NOTES: CONTACT POINT TO BE DETERMINED WHERE CENTER LEADS -C- -H- 7 7 7 EE1 -D- E3 E3 6 4 D D1 6 -B- 4 4 -D- D3 D3 -A- D/E D2/E2 D2/E2 -H- 3 A1 A -C- SEATING PLANE -A-B- -A-B- -D- 5 5 .004 C A A A2 .020 (MIN) PIN 1 ID ZONE DETAIL "J" SECTION A-A .021 .013 8 .0105 .0075 .018 .013 .0125 .0075 8 ALL DIMENSIONS IN INCHES H S .007 D S S A-B .032 .026 .007 M A-B CD S S .021 .013 DETAIL "J" (TYP ALL SIDES) SEATING PLANE .025 MIN. .045 MIN. 3 1. 2. -C- Y E2 N E3 28 E1 D3 E .125 .191 .485 .450 .062 D2 D1 A2 D .453 .205 .490 - .090 MIN. .165 A1 A O B M L .172 .105 NOM. .219 .456 .083 .495 .180 .120 MAX. S .125 .219 .456 .495 .191 .450 .485 .205 .453 .490 0.050 (N-4PLACES) BOTTOM VIEW TOP VIEW SIDE VIEW |